Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC859BF Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BC859BF
Description  PNP Silicon AF Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC859BF Datasheet(HTML) 7 Page - Infineon Technologies AG

  BC859BF Datasheet HTML 1Page - Infineon Technologies AG BC859BF Datasheet HTML 2Page - Infineon Technologies AG BC859BF Datasheet HTML 3Page - Infineon Technologies AG BC859BF Datasheet HTML 4Page - Infineon Technologies AG BC859BF Datasheet HTML 5Page - Infineon Technologies AG BC859BF Datasheet HTML 6Page - Infineon Technologies AG BC859BF Datasheet HTML 7Page - Infineon Technologies AG BC859BF Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Jun-16-2004
7
BC857BF...BC860BF
Noise figure F =
ƒ(f)
IC = 0.2mA, VCE = 5V, RS = 2 kΩ
10
10
10
10
BC 856...860
EHP00386
F
kHz
dB
-2
-1
1
2
20
10
0
5
15
f
0
10
Noise figure F =
ƒ(IC)
VCE = 5V, f = 120Hz
10
10
10
10
BC 856...860
EHP00387
F
mA
-3
-2
0
1
20
10
0
5
15
-1
10
= 1 M
100 k
10 k
dB
500
1 k
ΩΩ
S
R
C
Ι
Noise figure F =
ƒ(IC)
VCE = 5V, f = 1kHz
10
10
10
10
BC 856...860
EHP00388
F
mA
-3
-2
0
1
20
10
0
5
15
-1
10
= 1 M
100 k
10 k
dB
500
1 k
ΩΩ
S
R
C
Ι
Noise figure F =
ƒ(IC)
VCE = 5V, f = 10kHz
10
10
10
10
BC 856...860
EHP00389
mA
-3
-2
0
1
20
10
0
5
15
-1
10
dB
F
Ι
C
= 1 M
R
S
100 k
10 k
500
1 k


Similar Part No. - BC859BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859B PHILIPS-BC859B Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
logo
Nexperia B.V. All right...
BC859B NEXPERIA-BC859B Datasheet
355Kb / 9P
   PNP general purpose transistors
2004 Jan 16
logo
Siemens Semiconductor G...
BC859B SIEMENS-BC859B Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC859B FAIRCHILD-BC859B Datasheet
68Kb / 5P
   Switching and Amplifier Applications
logo
Infineon Technologies A...
BC859B INFINEON-BC859B Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
More results

Similar Description - BC859BF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC857BE6327 INFINEON-BC857BE6327 Datasheet
866Kb / 11P
   PNP Silicon AF Transistor
2011-09-19
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
   PNP Silicon AF Transistor
2008-10-10
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
   PNP Silicon AF Transistor
Jan-08-2002
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
   PNP Silicon AF Transistor
2007-06-08
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
   PNP Silicon AF Transistor
Nov-29-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com