Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31DQ10 Datasheet(PDF) 6 Page - Nihon Inter Electronics Corporation

Part # 31DQ10
Description  Low Forward Voltage Drop Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

31DQ10 Datasheet(HTML) 6 Page - Nihon Inter Electronics Corporation

  31DQ10 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 31DQ10 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 31DQ10 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 31DQ10 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 31DQ10 Datasheet HTML 5Page - Nihon Inter Electronics Corporation 31DQ10 Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SURGE CURRENT RATINGS
31DQ10
f=50Hz,Half Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
20
40
60
80
100
120
0.02s
I FSM
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
31DQ10
T j= 2 5 ° C ,V m = 2 0 m V R M S ,f = 1 0 0 k H z ,T y p ic a l V a lu e
0.5
1
2
5
10
20
50
100
200
REVERSE VOLTAGE (V)
20
50
100
200
500


Similar Part No. - 31DQ10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
31DQ10 IRF-31DQ10 Datasheet
83Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
31DQ10 VISHAY-31DQ10 Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
logo
SynSemi, Inc.
31DQ10 SYNSEMI-31DQ10 Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
EIC discrete Semiconduc...
31DQ10 EIC-31DQ10 Datasheet
35Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
31DQ10 NJSEMI-31DQ10 Datasheet
142Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 31DQ10

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
   Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
   Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
   Low Forward Voltage drop Diode
11ES4 NIEC-11ES4 Datasheet
22Kb / 2P
   Low Forward Voltage Drop Diode
FCF16A60 NIEC-FCF16A60 Datasheet
30Kb / 2P
   Low Forward Voltage Drop Diode
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
   Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
   Low Forward Voltage Drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
   Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
   Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
   Low Forward Voltage drop Diode
20NFA60 NIEC-20NFA60 Datasheet
48Kb / 5P
   Low Forward Voltage drop Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com