Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62290FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M62290FP
Description  5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62290FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M62290FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62290FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62290FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62290FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62290FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62290FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62290FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MITSUBISHI <Dig./Ana. INTERFACE>
M62290L/FP
5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
April 1997
(
/
)
7
Application circuit characteristics
7
0
1
2
3
4
5
6
0
2
4
6
8
10 12 14 16
SUPPLY VOLTAGE Vcc (V)
OUTPUT VOLTAGE vs.
SUPPLY VOLTAGE
IL=500mA
IL=100mA
IL=50mA
IL=0mA
50
60
70
80
90
100
0
200
400 600 800 1000 1200
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
Vcc=15V
Vcc=12V
Vcc=8V
Vcc=6V
0
0.02
0.04
0.06
0.08
0.10
6
8
10
12
14
16
SUPPLY VOLTAGE Vcc (V)
LOAD REGULATION vs.
SUPPLY VOLTAGE
1mA
≤IL≤100mA
1mA
≤IL≤200mA
1mA
≤IL≤500mA
1mA
≤IL≤1000mA
4.8
4.9
5.0
5.1
5.2
0
200
400 600 800 1000 1200
LOAD CURRENT Iload (mA)
OUTPUT VOLTAGE vs.
LOAD CURRENT
Vcc=15V
Vcc=12V
Vcc=8V
Vcc=6V
0
20
40
60
80
0
200
400 600 800 1000 1200
LOAD CURRENT Iload(mA)
LINE REGULATION vs.
LOAD CURRENT
Test condition:
6V
≤Vcc≤15V


Similar Part No. - M62290FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62290FP RENESAS-M62290FP Datasheet
141Kb / 11P
   5.0 V Fixed Output Voltage DC/DC Converter
More results

Similar Description - M62290FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62291GP MITSUBISHI-M62291GP Datasheet
16Kb / 3P
   5-PIN SOT-23 5.0V SYSTEM FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62222L MITSUBISHI-M62222L Datasheet
25Kb / 3P
   2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62221L MITSUBISHI-M62221L Datasheet
25Kb / 3P
   3.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62220L MITSUBISHI-M62220L Datasheet
25Kb / 3P
   3.3V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62222L RENESAS-M62222L Datasheet
167Kb / 6P
   2.7 V Fixed Output Voltage DC/DC Converter
M62290L RENESAS-M62290L_07 Datasheet
141Kb / 11P
   5.0 V Fixed Output Voltage DC/DC Converter
M62221L RENESAS-M62221L Datasheet
167Kb / 6P
   3.0 V Fixed Output Voltage DC/DC Converter
M62220L RENESAS-M62220L Datasheet
114Kb / 7P
   3.3 V Fixed Output Voltage DC/DC Converter
logo
Mitsubishi Electric Sem...
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
   3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
M62292FP MITSUBISHI-M62292FP Datasheet
31Kb / 4P
   3.3V, 1.8V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com