Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCC6-RCB-90M00 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VCC6-RCB-90M00
Description  2.5 and 3.3 volt LVPECL Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VCC6-RCB-90M00 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  VCC6-RCB-90M00 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCC6-RCB-90M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCC6-RCB-90M00 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCC6-RCB-90M00 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCC6-RCB-90M00 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCC6-RCB-90M00 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCC6-RCB-90M00 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCC6-RCB-90M00 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VCC6-Q/R Series, 2.5 and 3.3v PECL Crystal Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
IR Reflow and Suggested Pad Size Layout
The VCC6 has been qualified to meet the JEDEC standard for Pb-Free assembly. The temperatures and
time intervals listed are based on the Pb-Free small body requirements and maximum parameters are listed
in Table 6, lower temperatures are also acceptable. The VCC6 is hermetically sealed so an aqueous wash
is not an issue. Frequencies >200MHz will need to be reflowed at 220C max.
Table 7. Reflow Profile (IPC/JEDEC J-STD-020B)
Parameter
Symbol
Value
PreHeat Time
t S
60 sec Min, 200 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC (max)
t P
10 sec Max
Time At 240°C (max)
tp2
60 sec MAX
Ramp Down
R DN
6
oC/sec Max
Figure 8. IR Reflow Diagram
Figure 9. Pad Size Diagram


Similar Part No. - VCC6-RCB-90M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC6-107 VECTRON-VCC6-107 Datasheet
148Kb / 6P
   /-20 ppm LVPECL Oscillator
VCC6-107-155M52 VECTRON-VCC6-107-155M52 Datasheet
148Kb / 6P
   /-20 ppm LVPECL Oscillator
VCC6-D VECTRON-VCC6-D Datasheet
185Kb / 7P
   106M250/212M500 Dual Rate PECL and LVDS Oscillator
VCC6-DLA-106M25 VECTRON-VCC6-DLA-106M25 Datasheet
185Kb / 7P
   106M250/212M500 Dual Rate PECL and LVDS Oscillator
VCC6-DLB-106M25 VECTRON-VCC6-DLB-106M25 Datasheet
185Kb / 7P
   106M250/212M500 Dual Rate PECL and LVDS Oscillator
More results

Similar Description - VCC6-RCB-90M00

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M210X MTRONPTI-M210X Datasheet
347Kb / 2P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M210X MTRONPTI-M210X_07 Datasheet
367Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M210X MTRONPTI-M210X_08 Datasheet
761Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M220X MTRONPTI-M220X_08 Datasheet
682Kb / 7P
   9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
logo
Vectron International, ...
VCS3 VECTRON-VCS3_11 Datasheet
120Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCC6-V VECTRON-VCC6-V Datasheet
190Kb / 6P
   2.5 or 3.3 volt LVDS Oscillator
VCS3 VECTRON-VCS3 Datasheet
96Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
MTRONPTI
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com