Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCC6-RAB-90M00 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VCC6-RAB-90M00
Description  2.5 and 3.3 volt LVPECL Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VCC6-RAB-90M00 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VCC6-RAB-90M00 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCC6-RAB-90M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCC6-RAB-90M00 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCC6-RAB-90M00 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCC6-RAB-90M00 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCC6-RAB-90M00 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCC6-RAB-90M00 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCC6-RAB-90M00 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VCC6-Q/R Series, 2.5 and 3.3v PECL Crystal Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Terminating PECL Outputs
The VCC6 incorporates a standard PECL output scheme, which are un-terminated emitters as shown in
Figure 5. There are numerous application notes on terminating and interfacing PECL logic and the two most
common methods are a single resistor to ground, Figure 6, and a pull-up/pull-down scheme as shown in
Figure 7. An AC coupling capacitor is optional, depending on the application and the input logic
requirements of the next stage.
One of the most important considerations is terminating the Output and Complementary Outputs equally.
An unused output should not be left un-terminated, and if it one of the two outputs is left open it will result in
excessive jitter on both. PC board layout must take this and 50 ohm impedance matching into account.
Load matching and power supply noise are the main contributors to jitter related problems.
Figure 5. Standard PECL Output Configuration
Figure 6. Single Resistor Termination
Figure 7. Pull-up Pull-down Termination
Resistor value are typically:
Resistor values are typically:
120 to 240ohms for 3.3V
130 and 82 ohms for 3.3V
82 to 120 ohms for 2.5V
240 and 62 ohms for 2.5V


Similar Part No. - VCC6-RAB-90M00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC6-107 VECTRON-VCC6-107 Datasheet
148Kb / 6P
   /-20 ppm LVPECL Oscillator
VCC6-107-155M52 VECTRON-VCC6-107-155M52 Datasheet
148Kb / 6P
   /-20 ppm LVPECL Oscillator
VCC6-D VECTRON-VCC6-D Datasheet
185Kb / 7P
   106M250/212M500 Dual Rate PECL and LVDS Oscillator
VCC6-DLA-106M25 VECTRON-VCC6-DLA-106M25 Datasheet
185Kb / 7P
   106M250/212M500 Dual Rate PECL and LVDS Oscillator
VCC6-DLB-106M25 VECTRON-VCC6-DLB-106M25 Datasheet
185Kb / 7P
   106M250/212M500 Dual Rate PECL and LVDS Oscillator
More results

Similar Description - VCC6-RAB-90M00

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M210X MTRONPTI-M210X Datasheet
347Kb / 2P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M210X MTRONPTI-M210X_07 Datasheet
367Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M210X MTRONPTI-M210X_08 Datasheet
761Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M220X MTRONPTI-M220X_08 Datasheet
682Kb / 7P
   9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
logo
Vectron International, ...
VCS3 VECTRON-VCS3_11 Datasheet
120Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCC6-V VECTRON-VCC6-V Datasheet
190Kb / 6P
   2.5 or 3.3 volt LVDS Oscillator
VCS3 VECTRON-VCS3 Datasheet
96Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCC4 VECTRON-VCC4 Datasheet
149Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
MTRONPTI
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com