Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11DF4 Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # 11DF4
Description  Low Forward Voltage drop Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

11DF4 Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  11DF4 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 11DF4 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 11DF4 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 11DF4 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 11DF4 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
11DF4
Without Fin or P.C. Board
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
11DF4
P.C. Board mounted (L=8mm,Print Land=10×10mm,Both Sides)
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
0
0.4
0.8
1.2
1.6
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°


Similar Part No. - 11DF4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
11DF4 EIC-11DF4 Datasheet
93Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
11DF4 NJSEMI-11DF4 Datasheet
61Kb / 1P
   Ultra-Fast Recovery
11DF4 NJSEMI-11DF4 Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
logo
SUNMATE electronic Co.,...
11DF4 SUNMATE-11DF4 Datasheet
143Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
logo
National Instruments Co...
11DF4 NI-11DF4_15 Datasheet
143Kb / 1P
   FRED
More results

Similar Description - 11DF4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
   Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
   Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
   Low Forward Voltage drop Diode
11ES4 NIEC-11ES4 Datasheet
22Kb / 2P
   Low Forward Voltage Drop Diode
FCF16A60 NIEC-FCF16A60 Datasheet
30Kb / 2P
   Low Forward Voltage Drop Diode
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
   Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
   Low Forward Voltage Drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
   Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
   Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
   Low Forward Voltage drop Diode
20NFA60 NIEC-20NFA60 Datasheet
48Kb / 5P
   Low Forward Voltage drop Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com