Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10JDA60 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # 10JDA60
Description  DIODE - 1A 600V TJ = 150C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

10JDA60 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  10JDA60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 10JDA60 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 10JDA60 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 10JDA60 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 10JDA60 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10JDA OUTLINE DRAWING (Dmensions in mm)


Similar Part No. - 10JDA60

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10JDA60 NI-10JDA60_15 Datasheet
137Kb / 1P
   Standard Recovery Diode
10JDA60_2015 NI-10JDA60_2015 Datasheet
137Kb / 1P
   Standard Recovery Diode
More results

Similar Description - 10JDA60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10DDA60 NIEC-10DDA60 Datasheet
93Kb / 5P
   DIODE - 1A 600V TJ = 150C
10EDB60 NIEC-10EDB60 Datasheet
36Kb / 5P
   DIODE - 1A 600V TJ =150C
10EDA60 NIEC-10EDA60 Datasheet
34Kb / 5P
   DIODE - 1A 600V TJ = 150C
10EDA10 NIEC-10EDA10 Datasheet
34Kb / 5P
   DIODE - 1A 100V TJ = 150C
10EDB20 NIEC-10EDB20 Datasheet
36Kb / 5P
   DIODE - 1A 200V TJ = 150C
10DDA10 NIEC-10DDA10 Datasheet
41Kb / 5P
   DIODE - 1A 100V TJ=150C
10EDA20 NIEC-10EDA20 Datasheet
34Kb / 5P
   DIODE - 1A 200V TJ = 150C
10JDA10 NIEC-10JDA10 Datasheet
40Kb / 5P
   DIODE - 1A 100V TJ = 150C
10JDA40 NIEC-10JDA40 Datasheet
40Kb / 5P
   DIODE - 1A 400V TJ = 150C
10DDA20 NIEC-10DDA20 Datasheet
41Kb / 5P
   DIODE - 1A 200V TJ = 150C
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com