Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM6264ALSP-10LT Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HM6264ALSP-10LT
Description  8192-word x 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6264ALSP-10LT Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HM6264ALSP-10LT Datasheet HTML 2Page - Hitachi Semiconductor HM6264ALSP-10LT Datasheet HTML 3Page - Hitachi Semiconductor HM6264ALSP-10LT Datasheet HTML 4Page - Hitachi Semiconductor HM6264ALSP-10LT Datasheet HTML 5Page - Hitachi Semiconductor HM6264ALSP-10LT Datasheet HTML 6Page - Hitachi Semiconductor HM6264ALSP-10LT Datasheet HTML 7Page - Hitachi Semiconductor HM6264ALSP-10LT Datasheet HTML 8Page - Hitachi Semiconductor HM6264ALSP-10LT Datasheet HTML 9Page - Hitachi Semiconductor HM6264ALSP-10LT Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
HM6264A Series
HM6264A Series
Low VCC Data Retention
Low VCC Data Retention Characteristics (Ta = 0 to +70°C)
This characteristics is guaranteed only L/LL-version.
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
VCC for data retention
VDR
2.0
V
CS1
≥ V
CC – 0.2 V,
CS2
≥ V
CC– 0.2 V, or
CS2
≤ 0.2 V
Data retention current
ICCDR
—1*1
50*1
µA
VCC = 3.0 V,
—1*2
25*2
Chip deselect to data
t
CDR
0
ns
See retention waveform
retention time
Operation recovery time
tR
t
RC
*3
ns
See retention waveform
Notes:
1. VIL min = –0.3 V, 20 µA max at Ta = 0 to 40°C. These characteristics are guaranteed only for
the L-version.
2. VIL min = –0.3 V, 10 µA max at Ta = 0 to 40°C. These characteristics are guaranteed only for
the LL-version.
3. tRC = Read cycle time.
Low VCC Data Retention Waveform (1) (CS1 Controlled)
CS1
≥ V
CC – 0.2 V,
CS2
≥ V
CC – 0.2 V, or
0 V
≤ CS2 ≤ 0.2 V, 0 V ≤ Vin
In data retention mode, CS2 controls the address,
WE, CS1, OE, and the Din buffer. If CS2 controls
data retention mode, Vin (for these inputs) can be
in the high impedance state. If CS1 controls the
data retention mode, CS2 must satisfy either
CS2
≥ V
CC – 0.2 V or CS2 ≤ 0.2 V. The other
input levels (address,
WE, OE, I/O) can be in the
high impedance state.
tCDR
tR
Data retention mode
CS1
≥ V
CC – 0.2 V
VCC
4.5 V
2.2 V
VDR
0 V
CS1


Similar Part No. - HM6264ALSP-10LT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264A HITACHI-HM6264A Datasheet
592Kb / 8P
   8192-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - HM6264ALSP-10LT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5863AP SONY-CXK5863AP Datasheet
291Kb / 7P
   8192 word x 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM6264LP-70 HITACHI-HM6264LP-70 Datasheet
592Kb / 8P
   8192-word x 8-bit High Speed CMOS Static RAM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
   8192 X 8 BIT STATIC CMOS RAM
logo
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BTM SONY-CXK5V8257BTM Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM628512AI HITACHI-HM628512AI Datasheet
509Kb / 17P
   524288-word x 8-bit High Speed CMOS Static RAM
HM62256A HITACHI-HM62256A Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com