Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM6264ALP-12T Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HM6264ALP-12T
Description  8192-word x 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6264ALP-12T Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HM6264ALP-12T Datasheet HTML 1Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 2Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 3Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 4Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 5Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 6Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 7Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 8Page - Hitachi Semiconductor HM6264ALP-12T Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
HM6264A Series
HM6264A Series
Truth Table
WE
CS1
CS2
OE
Mode
I/O pin
VCC current
Note
High Z
ISB, ISB1
High Z
ISB, ISB1
H
L
H
H
Output disabled
High Z
ICC
H
L
H
L
Read
Dout
ICC
Read cycle
L
L
H
H
Write
Din
ICC
Write cycle 1
L
L
H
L
Write
Din
ICC
Write cycle 2
Note:
×: Don’t care.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Terminal voltage *1
VT
–0.5 *2 to +7.0
V
Power dissipation
PT
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature (under bias)
Tbias
–10 to +85
°C
Notes:
1. With respect to VSS.
2. –3.0 V for pulse width
≤ 50 ns
Recommended DC Operating Conditions (Ta = 0 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
VCC
4.5
5.0
5.5
V
VSS
000V
VIH
2.2
6.0
V
VIL
–0.3 *1
0.8
V
Note:
1. –3.0 V for pulse width
≤ 50 ns
Input voltage
Supply voltage
Not selected
(power down)
×
H
××
××
L
×


Similar Part No. - HM6264ALP-12T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264A HITACHI-HM6264A Datasheet
592Kb / 8P
   8192-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - HM6264ALP-12T

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5863AP SONY-CXK5863AP Datasheet
291Kb / 7P
   8192 word x 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM6264LP-70 HITACHI-HM6264LP-70 Datasheet
592Kb / 8P
   8192-word x 8-bit High Speed CMOS Static RAM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
   8192 X 8 BIT STATIC CMOS RAM
logo
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BTM SONY-CXK5V8257BTM Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM628512AI HITACHI-HM628512AI Datasheet
509Kb / 17P
   524288-word x 8-bit High Speed CMOS Static RAM
HM62256A HITACHI-HM62256A Datasheet
71Kb / 11P
   32,768-word x 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com