Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP6A17E6TA Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXMP6A17E6TA
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A17E6TA Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXMP6A17E6TA Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A17E6TA Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A17E6TA Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A17E6TA Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A17E6TA Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A17E6TA Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A17E6TA Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXMP6A17E6
PROVISIONAL ISSUE B - MARCH 2005
3
ADVANCE INFORMATION
1
10
100
10m
100m
1
10
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
100µ
1m
10m 100m
1
10
100
1k
1
10
100
100us
100ms
1s
R
DS(ON)
Limited
1ms
P-channel Safe Operating Area
Single Pulse, T
amb
=25°C
DC
10ms
-V
DS Drain-Source Voltage (V)
Derating Curve
Temperature (°C)
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
Single Pulse
T
amb
=25°C
Pulse Power Dissipation
Pulse Width (s)
CHARACTERISTICS


Similar Part No. - ZXMP6A17E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6TA DIODES-ZXMP6A17E6TA Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMP6A17E6TA VBSEMI-ZXMP6A17E6TA Datasheet
972Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
ZXMP6A17E6TA TECHPUBLIC-ZXMP6A17E6TA Datasheet
14Mb / 5P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP6A17E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com