Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVP17 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVP17
Description  2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVP17 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVP17 Datasheet HTML 1Page - Texas Instruments SN65LVP17 Datasheet HTML 2Page - Texas Instruments SN65LVP17 Datasheet HTML 3Page - Texas Instruments SN65LVP17 Datasheet HTML 4Page - Texas Instruments SN65LVP17 Datasheet HTML 5Page - Texas Instruments SN65LVP17 Datasheet HTML 6Page - Texas Instruments SN65LVP17 Datasheet HTML 7Page - Texas Instruments SN65LVP17 Datasheet HTML 8Page - Texas Instruments SN65LVP17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
SN65LVDS16, SN65LVP16
SN65LVDS17, SN65LVP17
SLLS625B – SEPTEMBER 2004 – REVISED NOVEMBER 2005
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.375
2.5 or 3.3
3.6
V
VIC
Common-mode input voltage (VIA + VIB)/2
SN65LVDS17 or SN65LVP17
1.2
VCC – (VID/2)
V
|VID|
Differential input voltage magnitude |VIA - VIB|
SN65LVDS17 or SN65LVP17
0.08
1
V
EN
2
VCC
VIH
High-level input voltage to EN
V
SN65LVDS16 or SN65LVP16
VCC– 1.17
VCC– 0.44
EN
0
0.8
VIL
Low-level input voltage to EN
V
SN65LVDS16 or SN65LVP16
VCC– 2.25
VCC– 1.52
IO
Output current to VBB
–400(1)
400
µA
RL
Differential load resistance,
90
132
TA
Operating free-air temperature
-40
85
°C
(1)
The algebraic convention, where the least positive (more negative) value is designated minimum, is used in this data sheet.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RL = 100 Ω, EN at 0 V,
40
48
Other inputs open
ICC
Supply current
mA
Outputs unloaded,
25
30
EN at 0 V, Other inputs open
VBB
Reference voltage(2)
IBB = –400 µA
VCC– 1.44
VCC– 1.35
VCC– 1.25
V
IIH
High-level input current, EN
VI = 2 V
–20
20
IIAH or IIBH
High-level input current, A or B
VI = VCC
–20
20
µA
IIL
Low-level input current, EN
VI = 0.8 V
–20
20
IIAL or IIBL
Low-level input current, A or B
VI = GND
–20
20
SN65LVDS16/17 Y AND Z OUTPUT CHARACTERISTICS
Differential output voltage magnitude,
|VOD|
247
340
454
|VOY– VOZ|
mV
Change in differential output voltage
∆|V
OD|
See Figure 1 and Figure 2
50
magnitude between logic states
Steady-state common-mode output
VOC(SS)
1.125
1.375
V
voltage (see Figure 3)
Change in steady-state common-
∆V
OC(SS)
mode output voltage between logic
-50
50
states
See Figure 3
mV
Peak-to-peak common-mode output
VOC(PP)
50
100
voltage
IOYZ or IOZZ
High-impedance output current
EN at VCC, VO = 0 V or VCC
–1
1
µA
IOYS or IOZS Short-circuit output current
EN at 0 V, VOY or VOZ = 0 V
–62
62
mA
Differential short-circuit
IOS(D)
EN at 0 V, VOY = VOZ
–12
12
output current, |IOY– IOZ|
(1)
Typical values are at room temperature and with a VCC of 3.3 V.
(2)
Single-ended input operation is limited to VCC≥ 3.0 V.
3


Similar Part No. - SN65LVP17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVP17 TI-SN65LVP17 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVP17DRFR TI-SN65LVP17DRFR Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVP17DRFRG4 TI-SN65LVP17DRFRG4 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVP17DRFT TI-SN65LVP17DRFT Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVP17DRFTG4 TI-SN65LVP17DRFTG4 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
More results

Similar Description - SN65LVP17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS18 TI1-SN65LVDS18 Datasheet
497Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16 TI-SN65LVDS16_07 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS18 TI1-SN65LVDS18_15 Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com