Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HM6264A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HM6264A
Description  8192-word x 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 
 3 page
background image
3
HM6264A Series
HM6264A Series
Truth Table
WE
CS1
CS2
OE
Mode
I/O pin
VCC current
Note
High Z
ISB, ISB1
High Z
ISB, ISB1
H
L
H
H
Output disabled
High Z
ICC
H
L
H
L
Read
Dout
ICC
Read cycle
L
L
H
H
Write
Din
ICC
Write cycle 1
L
L
H
L
Write
Din
ICC
Write cycle 2
Note:
×: Don’t care.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Terminal voltage *1
VT
–0.5 *2 to +7.0
V
Power dissipation
PT
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature (under bias)
Tbias
–10 to +85
°C
Notes:
1. With respect to VSS.
2. –3.0 V for pulse width
≤ 50 ns
Recommended DC Operating Conditions (Ta = 0 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
VCC
4.5
5.0
5.5
V
VSS
000V
VIH
2.2
6.0
V
VIL
–0.3 *1
0.8
V
Note:
1. –3.0 V for pulse width
≤ 50 ns
Input voltage
Supply voltage
Not selected
(power down)
×
H
××
××
L
×




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK582000TM262144-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK58257AP32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreSony Corporation
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM62256A32 768-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6286465536-word ´ 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HM628128ALFP-10131 072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl