Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HM6264A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HM6264A
Description  8192-word x 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 
 1 page
background image
Features
• Low-power standby
— 0.1 mW (typ)
— 10 µW (typ) L-/LL-version
• Low power operation
— 15 mW/MHz (typ)
• Fast access time
— l00/120/150 ns (max)
• Single +5 V supply
• Completely static memory
— No clock or timing strobe required
• Equal access and cycle time
• Common data input and output, three-state
output
• Directly TTL compatible
— All inputs and outputs
• Battery back up operation capability
(L-/LL-version)
Ordering Information
Access
Type No.
time
Package
HM6264AP-10
100 ns
HM6264AP-12
120 ns
HM6264AP-15
150 ns
HM6264ALP-10
100 ns
HM6264ALP-12
120 ns
HM6264ALP-15
150 ns
HM6264ALP-10L 100 ns
HM6264ALP-12L 120 ns
HM6264ALP-15L 150 ns
Access
Type No.
time
Package
HM6264ASP-10
100 ns
HM6264ASP-12
120 ns
HM6264ASP-15
150 ns
HM6264ALSP-10 100 ns
HM6264ALSP-12 120 ns
HM6264ALSP-15 150 ns
HM6264ALSP-10L 100 ns
HM6264ALSP-12L 120 ns
HM6264ALSP-15L 150 ns
HM6264AFP-10
100 ns
HM6264AFP-12
120 ns
HM6264AFP-15
150 ns
HM6264ALFP-10 100 ns
HM6264ALFP-12 120 ns
HM6264ALFP-15 150 ns
HM6264ALFP-10L 100 ns
HM6264ALFP-12L 120 ns
HM6264ALFP-15L 150 ns
Note: 1. T is added to the end of the type number
for a SOP of 3.00 mm (max) thickness.
28-pin plastic
SOP *1
(FP-28D/DA)
300-mil, 28-pin
plastic DIP
(DP-28N)
600-mil, 28-pin
plastic DIP
(DP-28)
1
HM6264A Series
8192-word
× 8-bit High Speed CMOS Static RAM




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK582000TM262144-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK58257AP32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreSony Corporation
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM62256A32 768-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6286465536-word ´ 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HM628128ALFP-10131 072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl