Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HM6264A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HM6264A
Description  8192-word x 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 
 6 page
background image
Read Timing Waveform
Write Cycle
HM6264A-10
HM6264A-12
HM6264A-15
———————
———————
———————
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Write cycle time
tWC
100
120
150
ns
Chip selection to end of write
tCW
80
85
100
ns
Address setup time
tAS
0
0—
0—
ns
Address valid to end of write
tAW
80
85
100
ns
Write pulse width
tWP
60
70
90
ns
Write recovery time
tWR
0
0—
0—
ns
Write to output in high Z
tWHZ
0
35
0
40
0
50
ns
Data to write time overlap
tDW
40
40
50
ns
Data hold from write time
tDH
0
0—
0—
ns
Output enable to output in high Z
tOHZ
0
35
0
40
0
50
ns
Output active from end of write
tOW
5—
5
——
5
ns
6
HM6264A Series
HM6264A Series
tRC
tAA
tCO1
tCO2
tLZ1
tHZ1
tHZ2
tLZ2
tOE
tOLZ
tOHZ
Valid Data
tOH
Address
CS1
CS2
Dout
OE
Note:
WE is high for read cycle.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK582000TM262144-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK58257AP32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreSony Corporation
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM62256A32 768-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6286465536-word ´ 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HM628128ALFP-10131 072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl