Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HM6264A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HM6264A
Description  8192-word x 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 
 4 page
background image
DC and Operating Characteristics (VCC = 5 V ± 10%,VSS = 0 V, Ta = 0 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Input leakage current
|ILI|
2
µA
Vin = VSS to VCC
Output leakage current |ILO|—
2
µA
CS1 = V
IH or CS2 = VIL or OE = VIH or
WE = V
IL, VI/O = VSS to VCC
Operating power
ICCDC
7
15
mA
CS1 = V
IL, CS2 = VIH, II/O = 0 mA
supply current
ICC1
—30
45*5
mA
Min. cycle, duty = 100%,
—30
55*6
CS1 = V
IL, CS2 = VIH, II/O = 0 mA
ICC2
3
5
mA
Cycle time = 1 µs, duty = 100%,
II/O = 0 mA, CS1 ≤ 0.2 V,
CS2
≥ V
CC – 0.2 V, VIH ≥ VCC – 0.2 V,
VIL ≤ 0.2 V
ISB
13mA
CS1 = V
IH or CS2 = VIL
ISB1 *2
0.02
2
mA
CS1
≥ VCC – 0.2 V, CS2 ≥ VCC – 0.2 V or
————————————
—2*3
100*3 µA
0 V
≤ CS2 ≤ 0.2 V, 0 V ≤ Vin
—————————
—2*4
50*4
VOL
0.4
V
IOL = 2.1 mA
VOH
2.4
V
IOH = –1.0 mA
Notes:
1. Typical values are at VCC = 5.0 V, Ta = 25°C and not guaranteed.
2. VIL min = –0.3 V
3. These characteristics are guaranteed only for the L-version.
4. These characteristics are guaranteed only for the LL-version.
5. For 120 ns/150 ns version.
6. For 100 ns version.
Capacitance (f = 1 MHz, Ta = 25°C)*1
Parameter
Symbol
Typ
Max
Unit
Test condition
Input capacitance
Cin
5
pF
Vin = 0 V
Input/output capacitance
CI/O
7
pF
VI/O = 0 V
Note:
1. This parameter is sampled and is not 100% tested.
Output voltage
Standby power supply
current
Average operating
current
4
HM6264A Series
HM6264A Series




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK582000TM262144-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK58257AP32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreSony Corporation
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM62256A32 768-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6286465536-word ´ 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HM628128ALFP-10131 072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl