Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT2244WMX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LVT2244WMX
Description  3.3V ABT Octal Buffer/Line Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVT2244WMX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74LVT2244WMX Datasheet HTML 1Page - National Semiconductor (TI) 74LVT2244WMX Datasheet HTML 2Page - National Semiconductor (TI) 74LVT2244WMX Datasheet HTML 3Page - National Semiconductor (TI) 74LVT2244WMX Datasheet HTML 4Page - National Semiconductor (TI) 74LVT2244WMX Datasheet HTML 5Page - National Semiconductor (TI) 74LVT2244WMX Datasheet HTML 6Page - National Semiconductor (TI) 74LVT2244WMX Datasheet HTML 7Page - National Semiconductor (TI) 74LVT2244WMX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF12170
ADVANCE INFORMATION
December 1996
74LVT2244
33V ABT Octal BufferLine Driver
with TRI-STATE
Outputs
General Description
The LVT2244 is an octal buffer and line driver designed to
be employed as a memory address driver clock driver and
bus oriented transmitter or receiver which provides im-
proved PC board density The equivalent 25X-Series resis-
tor helps reduce output overshoot and undershoot
These octal buffers and line drivers are designed for low-
voltage (33V) VCC applications but with the capability to
provide a TTL interface to a 5V environment The LVT2244
is fabricated with an advanced BiCMOS technology to
achieve high speed operation similar to 5V ABT while main-
taining a low power dissipation
Features
Y
Input and output interface capability to systems at 5V
VCC
Y
Bus-Hold data inputs eliminate the need for external
pull-up resistors to hold unused inputs
Y
Equivalent 25X-Series resistor on outputs
Y
Live insertionextraction permitted
Y
Power UpDown high impedance provides glitch-free
bus loading
Y
Outputs sourcesink b12 mA a12 mA
Y
Available in SOIC JEDEC
SOIC EIAJ
TSSOP and
SSOPII
Y
Latch-up performance exceeds 500 mA
Logic Symbol
IEEEIEC
TLF12170 – 1
Connection Diagram
Pin Assignment
for SOIC TSSOP and SSOPII
TLF12170 – 2
Truth Tables
Inputs
Outputs
OE1
In
(Pins 12 14 16 18)
LL
L
LH
H
HX
Z
Inputs
Outputs
OE2
In
(Pins 3 5 7 9)
LL
L
LH
H
HX
Z
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Z e High Impedance
Pin Names
Description
OE1 OE2
TRI-STATE Output
Enable Inputs
I0–I7
Inputs
O0–O7
Outputs
SOIC JEDEC
SOIC EIAJ
TSSOP JEDEC
SSOPII
Order
74LVT2244WM
74LVT2244SJ
74LVT2244MTC
74LVT2244MSA
Number 74LVT2244WMX 74LVT2244SJX 74LVT2244MTCX 74LVT2244MSAX
See NS
M20B
M20D
MTC20
MSA20
Package
Number
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M17Printed in U S A
http
www nationalcom


Similar Part No. - 74LVT2244WMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT2244WMX FAIRCHILD-74LVT2244WMX Datasheet
94Kb / 7P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74LVT2244WMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com