Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4118URTR Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N4118URTR
Description  GLASS SURFACE MOUNT 0.5 WATT ZENERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4118URTR Datasheet(HTML) 2 Page - Microsemi Corporation

  1N4118URTR Datasheet HTML 1Page - Microsemi Corporation 1N4118URTR Datasheet HTML 2Page - Microsemi Corporation 1N4118URTR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCOTTSD A L E DIVISION
1N4099UR thru 1N4135UR
(or MLL4099 thru MLL4135)
and
1N4614UR thru 1N4627UR
(or MLL4614 thru MLL4627)
*ELECTRICAL CHARACTERISTICS @ 25oC
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
(NOTE 2)
ZENER
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDANCE
ZZT
(Note 3)
MAXIMUM
REVERSE
CURRENT
IR @ VR
MAXIMUM
NOISE
DENSITY
ND @ IZT
MAXIMUM
ZENER
CURRENT
IZM
TYPICAL
TEMP.COEFF.
OF ZENER
VOLTAGE
αVZ
INDUSTRY
PART NUMBER
(NOTE 1)
MICROSEMI
PART
NUMBER
(NOTE 1)
VOLTS
µA
OHMS
µA
Volts
µV/√Hz
mA
%/
oC
1N4614UR
1N4615UR
1N4616UR
MLL4614
MLL4615
MLL4616
1.8
2.0
2.2
250
250
250
1200
1250
1300
3.5
2.5
2.0
1.0
1.0
1.0
1
1
1
120
110
100
-0.075
-0.075
-0.075
1N4617UR
1N4618UR
1N4619UR
1N4620UR
MLL4617
MLL4618
MLL4619
MLL4620
2.4
2.7
3.0
3.3
250
250
250
250
1400
1500
1600
1650
1.0
0.5
0.4
3.5
1.0
1.0
1.0
1.5
1
1
1
1
95
90
87
85
-0.075
-0.075
-0.075
-0.075
1N4621UR
1N4622UR
1N4623UR
1N4624UR
MLL4621
MLL4622
MLL4623
MLL4624
3.6
3.9
4.3
4.7
250
250
250
250
1700
1650
1600
1550
3.5
2.5
2.0
5.0
2.0
2.0
2.0
3.0
1
1
1
1
83
80
77
75
-0.065
-0.060
-0.050
-0.040,+0.020
1N4625UR
1N4626UR
1N4627UR
1N4099UR
MLL4625
MLL4626
MLL4627
MLL4099
5.1
5.6
6.2
6.8
250
250
250
250
1500
1400
1200
200
5.0
5.0
5.0
1.0
3.0
4.0
5.0
5.17
2
4
5
40
70
65
61
56
-0.045,+0.030
-0.020,+0.040
-0.010,+0.050
0.040
1N4100UR
1N4101UR
1N4102UR
1N4103UR
MLL4100
MLL4101
MLL4102
MLL4103
7.5
8.2
8.7
9.1
250
250
250
250
200
200
200
200
1.0
0.5
0.5
0.5
5.70
6.24
6.61
6.92
40
40
40
40
51
46
44
42
0.045
0.048
0.049
0.050
1N4104UR
1N4105UR
1N4106UR
1N4107UR
MLL4104
MLL4105
MLL4106
MLL4107
10
11
12
13
250
250
250
250
200
200
200
200
0.5
.05
.05
.05
7.60
8.44
9.12
9.87
40
40
40
40
38
35
32
29
0.055
0.060
0.065
0.065
1N4108UR
1N4109UR
1N4110UR
1N4111UR
MLL4108
MLL4109
MLL4110
MLL4111
14
15
16
17
250
250
250
250
200
100
100
100
.05
.05
.05
.05
10.65
11.40
12.15
12.92
40
40
40
40
27
25
24
22
0.070
0.070
0.070
0.075
1N4112UR
1N4113UR
1N4114UR
1N4115UR
MLL4112
MLL4113
MLL4114
MLL4115
18
19
20
22
250
250
250
250
100
150
150
150
.05
.05
.01
.01
13.67
14.44
15.20
16.72
40
40
40
40
21
20
19
17
0.075
0.075
0.075
0.080
1N4116UR
1N4117UR
1N4118UR
1N4119UR
MLL4116
MLL4117
MLL4118
MLL4119
24
25
27
28
250
250
250
250
150
150
150
200
.01
.01
.01
.01
18.25
1900
20.45
21.28
40
40
40
40
16
15
14
14
0.080
0.080
0.085
0.085
1N4120UR
1N4121UR
1N4122UR
1N4123UR
MLL4120
MLL4121
MLL4122
MLL4123
30
33
36
39
250
250
250
250
200
200
200
200
.01
.01
.01
.01
22.80
25.08
27.38
29.65
40
40
40
40
13
12
11
9.8
0.085
0.085
0.090
0.090
1N4124UR
1N4125UR
1N4126UR
1N4127UR
MLL4124
MLL4125
MLL4126
MLL4127
43
47
51
56
250
250
250
250
250
250
300
300
.01
.01
.01
.01
32.65
35.75
38.76
42.60
40
40
40
40
8.9
8.1
7.5
6.7
0.090
0.090
0.090
0.090
1N4128UR
1N4129UR
1N4130UR
1N4131UR
MLL4128
MLL4129
MLL4130
MLL4131
60
62
68
75
250
250
250
250
400
500
700
700
.01
.01
.01
.01
45.60
47.10
51.68
57.00
40
40
40
40
6.4
6.1
5.6
5.1
0.090
0.090
0.095
0.095
1N4132UR
1N4133UR
1N4134UR
1N4135UR
MLL4132
MLL4133
MLL4134
MLL4135
82
87
91
100
250
250
250
250
800
1000
1200
1500
.01
.01
.01
.01
62.32
66.12
69.16
76.00
40
40
40
40
4.6
4.4
4.2
3.8
0.095
0.095
0.095
0.095
NOTE 1: These may be ordered as either 1N4614UR-1N4627UR, 1N4099UR-1N4135UR or as the MLL4614-MLL4627, MLL4099-MLL4135.
NOTE 2: The JEDEC type numbers shown above have a standard tolerance of +/-5% for nominal Zener voltage and are also available in 2% and 1%
tolerance with suffix C and D respectively. VZ is measured with the diode in thermal equilibrium (still air) at 25
oC for end-cap terminations.
NOTE 3: The zener impedance is derived by superimposing on IZT, a 60 Hz rms ac current equal to 10% of IZT (25µA). See MicroNote 202 for
zener impedance variation with different operating currents.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2002
11-05-03 REV C


Similar Part No. - 1N4118URTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4118UR-1 MICROSEMI-1N4118UR-1 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
logo
M/A-COM Technology Solu...
1N4118UR-1 MA-COM-1N4118UR-1 Datasheet
892Kb / 4P
   Low Noise Zener Diode Series
logo
Microsemi Corporation
1N4118UR-1 MICROSEMI-1N4118UR-1 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results

Similar Description - 1N4118URTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
Vaishali Semiconductor
ZGL41-100 VAISH-ZGL41-100 Datasheet
25Kb / 2P
   Surface Mount Glass Passivated Zeners
logo
Microsemi Corporation
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
DIYI Electronic Technol...
G1AN DYELEC-G1AN Datasheet
1Mb / 2P
   0.5 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com