Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3941 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC3941
Description  Silicon PNP epitaxial planer type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3941 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC3941 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3941 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3941 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Transistor
2SB1221
0
200
160
40
120
80
1
3
10
30
100
300
1000
3000
10000
V
EB=–5V
Ambient temperature Ta (˚C)
0
200
160
40
120
80
1
3
10
30
100
300
1000
3000
10000
V
CB=–250V
Ambient temperature Ta (˚C)
–1
–10
–100
–1000
–3
–30
–300
– 0.1
– 0.3
–1
–3
–10
–30
–100
–300
–1000
Single pulse
Ta=25˚C
t=10ms
t=1s
I
CP
I
C
Collector to emitter voltage V
CE
(V)
IEBO — Ta
ICBO — Ta
Area of safe operation (ASO)


Similar Part No. - 2SC3941

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3941 PANASONIC-2SC3941 Datasheet
47Kb / 3P
   Silicon NPN triple diffusion planer type(For high breakdown voltage general amplification)
More results

Similar Description - 2SC3941

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
   Silicon PNP epitaxial planer type
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
   Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
2SA2009 PANASONIC-2SA2009 Datasheet
43Kb / 1P
   Silicon PNP epitaxial planer type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com