Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC66DN2550ML Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC66DN2550ML
Description  Positive Voltage Regulators with Built - in Voltage Detect Functions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC66DN2550ML Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC66DN2550ML Datasheet HTML 3Page - Torex Semiconductor XC66DN2550ML Datasheet HTML 4Page - Torex Semiconductor XC66DN2550ML Datasheet HTML 5Page - Torex Semiconductor XC66DN2550ML Datasheet HTML 6Page - Torex Semiconductor XC66DN2550ML Datasheet HTML 7Page - Torex Semiconductor XC66DN2550ML Datasheet HTML 8Page - Torex Semiconductor XC66DN2550ML Datasheet HTML 9Page - Torex Semiconductor XC66DN2550ML Datasheet HTML 10Page - Torex Semiconductor XC66DN2550ML Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
XC66D
Series
381
3
■Typical Performance Characteristics
0
2
1
3
4
5
0123456789
10
Regulator Input Voltage:VIN(V)
XC66DN1922
25℃
Ta=80℃
−30℃
VDIN=Vss
0
0.2
0.1
0.3
0.4
0.5
012345678
10
9
Regulator Input Voltage:VDIN(V)
XC66DN1922
25℃
−30℃
VIN=10V
Ta=80℃
(1) SUPPLY CURRENT vs.
REGULATOR INPUT VOLTAGE
(2) SUPPLY CURRENT vs.
DETECTOR INPUT VOLTAGE
(3) SUPPLY CURRENT vs. REGULATOR,
DETECTOR INPUT VOLTAGE
0
2
1
3
4
5
0123456789
10
Input Voltage:VIN , VDIN(V)
XC66DN1922
Topr=80℃
25℃
−30℃
VIN=VDIN
(4) DETECT VOLTAGE, RELEASE
VOLTAGE vs. AMBIENT TEMPERATURE
(5) DETECTOR OUTPUT VOLTAGE vs.
DETECTOR INPUT VOLTAGE
(6) DETECTOR N-ch DRIVER OUTPUT
CURRENT vs. VDS
(7) DETECTOR N-ch DRIVER OUTPUT CURRENT vs. DETECTOR INPUT VOLTAGE
(8) REGULATOR OUTPUT VOLTAGE vs. REGULATOR OUTPUT CURRENT
1.7
1.9
1.8
2.0
2.1
2.2
−40
−20
0
20406080
Ambient Temp.:Topr(℃)
XC66DN1922
VDR
VDF
VIN=VDIN
0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Detector Input Voltage:VDIN(V)
XC66DN1922
25℃
Ta=80℃
−30℃
VIN=VDIN
80℃
25℃
Ta=−30℃
0
2
4
6
8
10
12
0
0.5
1.0
1.5
2.0
2.5
Detector Input Voltage:VDIN(V)
XC66DN1922
VIN=VDIN , VDS=0.5V
0
100
200
300
400
500
600
700
800
900
1000
0
0.2
0.4
0.6
0.8
1.0
VDS(V)
XC66DN1922
VIN=0.8V
0.7V
Ta=25℃
VIN=VDIN
0
2
4
6
8
10
0
0.3
0.6
0.9
1.2
1.5
VDS(V)
XC66DN1922
VIN=1.5V
Ta=25℃
VIN=VDIN
2.0
2.1
2.2
2.3
2.4
0
102030405060
Regulator Output Current:IOUT(mA)
XC66DN1922
Topr=25℃
Topr=25℃
80℃
−30℃
VIN=3.2V
CIN=1
µF(tantalum), CL=1µF(tantalum)
0.0
1.0
0.5
1.5
2.0
2.5
0
100
200
300
400
Regulator Output Current:IOUT(mA)
XC66DN1922
VIN=2.7V
4.2V
3.6V
3.2V
Topr=25℃
CIN=1
µF(tantalum), CL=1µF(tantalum)
03S_11XC66D 02.9.12 3:09 PM ページ 381


Similar Part No. - XC66DN2550ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A071EL TOREX-XC6601A071EL Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601A071ER TOREX-XC6601A071ER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC66DN2550ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com