Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC216 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TIC216
Description  SILICON TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TIC216 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TIC216 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIC216 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIC216 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIC216 SERIES
SILICON TRIACS
2
PRODU CT
INFORMA TION
DECEMBER 1971 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
† All voltages are with respect to Main Terminal 1.
NOTES: 5. This parameter must be measured using pulse techniques, tp = ≤ 1 ms, duty cycle ≤ 2 %. Voltage-sensing contacts separate from
the current carrying contacts are located within 3.2 mm from the device body.
6. The triacs are triggered by a 15-V (open-circuit amplitude) pulse supplied by a generator with the following characteristics:
RG = 100 Ω, tp(g) = 20 µs, tr = ≤ 15 ns, f = 1 kHz.
VGT
Gate trigger
voltage
Vsupply = +12 V†
Vsupply = +12 V†
Vsupply = -12 V†
Vsupply = -12 V†
RL = 10 Ω
RL = 10 Ω
RL = 10 Ω
RL = 10 Ω
tp(g) > 20 µs
tp(g) > 20 µs
tp(g) > 20 µs
tp(g) > 20 µs
2.2
-2.2
-2.2
3
V
VT
On-state voltage
IT = ±8.4 A
IG = 50 mA
(see Note 5)
±1.7
V
IH
Holding current
Vsupply = +12 V†
Vsupply = -12 V†
IG = 0
IG = 0
Init’ ITM = 100 mA
Init’ ITM = -100 mA
30
-30
mA
IL
Latching current
Vsupply = +12 V†
Vsupply = -12 V†
(see Note 6)
4
-2
mA
dv/dt
Critical rate of rise of
off-state voltage
VDRM = Rated VDRM
IG = 0
TC = 110°C
±20
V/µs
dv/dt(c)
Critical rise of
commutation voltage
VDRM = Rated VDRM
ITRM = ±8.4 A
TC = 70°C
±2
±5
V/µs
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
2.5
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
electrical characteristics at 25°C case temperature (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT


Similar Part No. - TIC216

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC216 POINN-TIC216 Datasheet
67Kb / 4P
   SILICON TRIACS
logo
Texas Instruments
TIC216 TI-TIC216 Datasheet
104Kb / 3P
[Old version datasheet]   SILICON TRIACS
TIC216A TI-TIC216A Datasheet
104Kb / 3P
[Old version datasheet]   SILICON TRIACS
logo
Comset Semiconductor
TIC216A COMSET-TIC216A Datasheet
209Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC216A COMSET-TIC216A Datasheet
163Kb / 3P
   SILICON TRIACS
More results

Similar Description - TIC216

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC216A COMSET-TIC216A_12 Datasheet
163Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC246 POINN-TIC246 Datasheet
105Kb / 5P
   SILICON TRIACS
TIC263 POINN-TIC263 Datasheet
103Kb / 5P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC246 BOURNS-TIC246 Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC201 POINN-TIC201 Datasheet
67Kb / 4P
   SILICON TRIACS
TIC225 POINN-TIC225 Datasheet
150Kb / 6P
   SILICON TRIACS
TICP206 POINN-TICP206 Datasheet
127Kb / 7P
   SILICON TRIACS
logo
Texas Instruments
TIC216 TI-TIC216 Datasheet
104Kb / 3P
[Old version datasheet]   SILICON TRIACS
logo
New Jersey Semi-Conduct...
TIC206 NJSEMI-TIC206 Datasheet
112Kb / 2P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC236D BOURNS-TIC236D Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Transys Electronics
TR25 TRSYS-TR25 Datasheet
333Kb / 3P
   SILICON TRIACS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com