Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP580 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP580
Description  Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP580 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP580 Datasheet HTML 2Page - ON Semiconductor NCP580 Datasheet HTML 3Page - ON Semiconductor NCP580 Datasheet HTML 4Page - ON Semiconductor NCP580 Datasheet HTML 5Page - ON Semiconductor NCP580 Datasheet HTML 6Page - ON Semiconductor NCP580 Datasheet HTML 7Page - ON Semiconductor NCP580 Datasheet HTML 8Page - ON Semiconductor NCP580 Datasheet HTML 9Page - ON Semiconductor NCP580 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCP580
http://onsemi.com
7
TYPICAL CHARACTERISTICS
16
24
TIME, t (
ms)
34
3.00
2.95
2.90
2.85
2.80
2.75
2.70
14
Output Voltage
Output Current
18
26
20
28
22
30
32
150
100
50
0
16
24
TIME, t (
ms)
34
3.00
2.95
2.90
2.85
2.80
2.75
2.70
14
Output Voltage
Output Current
18
26
20
28
22
30
32
150
100
50
0
16
24
TIME, t (
ms)
34
3.00
2.95
2.90
2.85
2.80
2.75
2.70
14
Output Voltage
Output Current
18
26
20
28
22
30
32
150
100
50
0
Figure 17. Load Transient Response
(Vin = 3.8 V, Iout = 50 mA to 100 mA, tr = tf = 5.0 ms, Cin = 1.0 mF, Vout = 2.8 V)
Cout = 1.0 mF
Cout = 2.2 mF
Cout = 4.7 mF


Similar Part No. - NCP580

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
NCP580 ONSEMI-NCP580 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP580SQ15T1G ONSEMI-NCP580SQ15T1G Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
NCP580SQ18T1G ONSEMI-NCP580SQ18T1G Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
NCP580SQ25T1G ONSEMI-NCP580SQ25T1G Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
More results

Similar Description - NCP580

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP580 ONSEMI-NCP580_06 Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com