Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2016ETI+D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2016ETI+D
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016ETI+D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2016ETI+D Datasheet HTML 4Page - Maxim Integrated Products MAX2016ETI+D Datasheet HTML 5Page - Maxim Integrated Products MAX2016ETI+D Datasheet HTML 6Page - Maxim Integrated Products MAX2016ETI+D Datasheet HTML 7Page - Maxim Integrated Products MAX2016ETI+D Datasheet HTML 8Page - Maxim Integrated Products MAX2016ETI+D Datasheet HTML 9Page - Maxim Integrated Products MAX2016ETI+D Datasheet HTML 10Page - Maxim Integrated Products MAX2016ETI+D Datasheet HTML 11Page - Maxim Integrated Products MAX2016ETI+D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX2016 EV kit, VCC = 3.3V, R1 = R2 = R3 = 0
Ω, CSETL = CSETH = VCC, TA = +25°C, unless otherwise noted.)
VOUTA vs. PRFINA
PRFINA (dBm)
-5
-25
-45
0.5
1.0
1.5
2.0
2.5
0
-65
15
fIN = 1900MHz
TA = -20
°C
TA = +25
°C
TA = +85
°C
VOUTA ERROR vs. PRFINA
PRFINA (dBm)
-5
-25
-45
-2
-1
0
1
2
3
-3
-65
15
fIN = 1900MHz
NORMALIZED TO DATA
AT +25
°C
TA = -20
°C
TA = +85
°C
VOUTA vs. PRFINA
PRFINA (dBm)
0
-20
-40
-60
0.5
1.0
1.5
2.0
2.5
0
-80
20
fIN = 100MHz
TA = -20
°C
TA = +25
°C
TA = +85
°C
VOUTA ERROR vs. PRFINA
PRFINA (dBm)
0
-20
-40
-60
-2
-1
0
1
2
3
-3
-80
20
fIN = 100MHz
NORMALIZED TO DATA
AT +25
°C
TA = -20
°C
TA = +85
°C
VOUTA vs. PRFINA
PRFINA (dBm)
0
-20
-40
-60
0.5
1.0
1.5
2.0
2.5
0
-80
20
fIN = 900MHz
TA = -20
°C
TA = +25
°C
TA = +85
°C
VOUTA ERROR vs. PRFINA
PRFINA (dBm)
0
-15
-30
-45
-60
-2
-1
0
1
2
3
-3
-75
15
fIN = 900MHz
NORMALIZED TO DATA
AT +25
°C
TA = -20
°C
TA = +85
°C


Similar Part No. - MAX2016ETI+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2016ETI+D MAXIM-MAX2016ETI+D Datasheet
934Kb / 20P
   LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
More results

Similar Description - MAX2016ETI+D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2016 MAXIM-MAX2016_06 Datasheet
934Kb / 20P
   LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
   LOGARITHMIC DETECTOR / CONTROLLER
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com