Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1734-33PZLBG Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1734-33PZLBG
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1734-33PZLBG Datasheet(HTML) 8 Page - Analog Intergrations Corporation

  AIC1734-33PZLBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC1734-33PZLBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1734-33PZLBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1734-33PZLBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1734-33PZLBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1734-33PZLBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1734-33PZLBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1734-33PZLBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1734-33PZLBG Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AIC1734
PHYSICAL DIMENSIONS (unit: mm)
SOT-23
0.90
0.30
1.50
2.60
2.80
0.08
0.30
0.05
e
θ
L1
L
e1
c
E
E1
D
b
A2
A1
0.95 BSC
0.60
1.90 BSC
0.60 REF
1.30
1.70
3.00
3.00
0.22
0.50
0.15
0.95
MIN.
S
Y
M
B
O
L
A
1.45
MAX.
SOT-23
MILLIMETERS
b
WITH PLATING
SECTION A-A
BASE METAL
e1
e
D
AA
SEE VIEW B
VIEW B
L1
L
SEATING PLANE
GAUGE PLANE
SOT-89
A
C
e1
e
D
D1
0.36
3.94
2.29
1.50
4.40
0.35
0.44
e1
H
D
E
e
D1
C
B1
B
3.00 BSC
4.25
0.48
2.60
1.83
4.60
0.44
0.56
1.50 BSC
1.40
MIN.
S
Y
M
B
O
L
A
1.60
MAX.
SOT-89
MILLIMETERS
0.89
L
1.20
B
B1
8


Similar Part No. - AIC1734-33PZLBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734-33XU AIC-AIC1734-33XU Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-33XXA AIC-AIC1734-33XXA Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-33XXT AIC-AIC1734-33XXT Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1734-33PZLBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com