Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV6R11S6 Datasheet(PDF) 4 Page - IXYS Corporation

Part # EV6R11S6
Description  IX6R11 HALF BRIDGE DRIVER Evaluation Board
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

EV6R11S6 Datasheet(HTML) 4 Page - IXYS Corporation

  EV6R11S6 Datasheet HTML 1Page - IXYS Corporation EV6R11S6 Datasheet HTML 2Page - IXYS Corporation EV6R11S6 Datasheet HTML 3Page - IXYS Corporation EV6R11S6 Datasheet HTML 4Page - IXYS Corporation EV6R11S6 Datasheet HTML 5Page - IXYS Corporation EV6R11S6 Datasheet HTML 6Page - IXYS Corporation EV6R11S6 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
EV6R11 KIT
Bill of Materials
Reference Qty. Description
Mfr.
Part #
U1
1
+5V regulator
National Semi.
LM78L05ACZ
U2
1
Dead time generator IC
IXYS
IXDP630
U3
1
16 pin Half Bridge Driver
IXYS
IX6R11S3
U4
1
18 pin Half bridge Driver
IXYS
IX6R11S6
D1
1
1A, 1000V high speed diode
Diodes Inc.
UF1007DICT
U2
1
18 pin socket
Assmann
A18-LC-TT
Q1, 2
2
High voltage power MOSFET
IXYS
IXFH7N90Q
Q3, 4
2
Switching MOSFET
Motorola
2N7000
R1, 2
2
5.11 ohm, 1/4 W resistors
R4, 5, 6
3
10k ohm, 1/4 W resistors
R3, 7, 8
3
1k ohm, 1/4 W resistors
R9
1
10 ohm, 1/4 W resistors
R11, 12
2
4.02k ohm 1/4 W resistors
R13, 15
2
Insulated wire jumpers
C1,7,10
3
10uF, 35V, aluminum electrolytic cap
Panasonic
C2,4,8,11,12,13
6
0.1uF, 50V, ceramic cap
Panasonic
C3
1
0.01uF, 50V, ceramic cap
C5
1
27pF, 50V, ceramic cap
Panasonic
C9
1
0.1uF, 1000V, ceramic cap
Sprague
10GAP10
P1
1
13 pin header connector
Berg
68000-236
NOTINCLUDED:
U2
1
Crystal based dead time generator
IXYS
IXDP631
D4, D5
2
12A, 1000V fast recovery diode
IXYS
DSEI12-10A
P2
1
4 pole terminal block
Altech Corp.
AKZ250/4
R3
1
1M ohm, 1/4 W IXDP631 osc load resistor
R10
1
50 ohm, 1/4 W load resistor
C5, 6
2
Crystal load capacitors, 22pF 50V ceramic
Panasonic
Y1
1
Crystal for IXDP631 operation
Pletronics
IXFH 7N90Q Power MOSFETS:
http://www.ixys.com/98645.pdf
The following list provides direct web links for the IXYS devices included with this PCB.
Please visit the IXYS web site at www.ixys.com for a complete overview of the entire IXYS product
line.
IX6R11 Half Bridge Driver IC:
http://www.ixys.com/99037.pdf
IXDP630 Digital Dead Time Generator:
http://www.ixys.com/98568.pdf
DATA SHEETS:


Similar Part No. - EV6R11S6

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
EV6-10R-Q PANDUIT-EV6-10R-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV6-12R-Q PANDUIT-EV6-12R-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV6-38R-Q PANDUIT-EV6-38R-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV6-56R-Q PANDUIT-EV6-56R-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
TE Connectivity Ltd
EV600 TEC-EV600 Datasheet
412Kb / 6P
   Kilovac EV600 High Voltage Contactor
More results

Similar Description - EV6R11S6

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
99026 IXYS-99026 Datasheet
839Kb / 8P
   HALF BRIDGE DRIVER Evaluation Board
logo
Monolithic Power System...
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
   0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
   0.6A, 14V Half H-bridge Motor Driver Evaluation Board
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
   1-Channel H-Bridge Driver Evaluation Board
logo
Monolithic Power System...
EV8042DF-00C MPS-EV8042DF-00C Datasheet
285Kb / 5P
   High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8042DF-00B MPS-EV8042DF-00B Datasheet
247Kb / 5P
   High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8046DF-00A MPS-EV8046DF-00A Datasheet
230Kb / 5P
   High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8049S-U-00A MPS-EV8049S-U-00A Datasheet
232Kb / 6P
   24V 5.5A Quad Channel Power Half-Bridge Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com