Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRMS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FRMS
Description  AC Reversible Motor SSR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FRMS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FRMS Datasheet HTML 1Page - List of Unclassifed Manufacturers FRMS Datasheet HTML 2Page - List of Unclassifed Manufacturers FRMS Datasheet HTML 3Page - List of Unclassifed Manufacturers FRMS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S3C-215WDV, S3C-225WDV
155
http://www.jelsystem.co.jp
E-mail:ssr@jelsystem.co.jp
※本カタログの掲載内容については改良等の為変更する場合があります。ご使用に際しては、納入仕様書等でご確認ください。
※不明な点は弊社までお問い合わせください。
FRMS
外形寸法(mm) Dimensions
等価回路 Equivalent Circuit
接続図(例) Connecting Chart (Example)
4-φ5.5
2-M3
6-M4
81
17
12
93±0.5
107Max
RS
T
UV
W
17
27
56
RR(−)
FR(−)
COM(+)
R
U
T
W
S
V
入力回路
出力回路
ZC
ZC
ZC
ZC
ZC
FRMSシリーズ
L:100∼500μH
バリスタ:430∼470V
M
R
L
FR(−)
SW
RR(−) COM(+)
L
T
S
※締付トルク
出力端子
15kg f・cm(MAX)
入力端子
8kg f・cm(MAX)
本体ケース
15kg f・cm(MAX)
FRMS-※※※
適用電動機
Suitable Motor
FRMS-205 タイプ
0.75kW
FRMS-215 タイプ
1.5kW
入力電圧
出力側の接続
UR
COM(+)ーFR(ー)
V
S
WT
UR
COM(+)ーFR(ー)
V
S
WT
※放熱条件が異なると上表の電動機が適用できない
場合がありますので、負荷電流特性曲線を御参照
下さい。
ZC :ゼロクロス回路(ゼロクロス有りに適用)


Similar Part No. - FRMS

ManufacturerPart #DatasheetDescription
logo
Lightel Technologies IN...
FRM-PM-1064-A-B-0 LIGHTEL-FRM-PM-1064-A-B-0 Datasheet
92Kb / 1P
   1064 nm, SM & PM
FRM-PM-1064-A-B-1 LIGHTEL-FRM-PM-1064-A-B-1 Datasheet
92Kb / 1P
   1064 nm, SM & PM
FRM-PM-1064-A-B-2 LIGHTEL-FRM-PM-1064-A-B-2 Datasheet
92Kb / 1P
   1064 nm, SM & PM
FRM-PM-1064-A-B-3 LIGHTEL-FRM-PM-1064-A-B-3 Datasheet
92Kb / 1P
   1064 nm, SM & PM
FRM-PM-1064-A-B-4 LIGHTEL-FRM-PM-1064-A-B-4 Datasheet
92Kb / 1P
   1064 nm, SM & PM
More results

Similar Description - FRMS

ManufacturerPart #DatasheetDescription
logo
Ningbo Leison Motor Co....
LS-5RK90-5GU NINGBO-LS-5RK90-5GU Datasheet
874Kb / 1P
   AC Reversible Motor 90W
LS-2RK06-2GN NINGBO-LS-2RK06-2GN Datasheet
815Kb / 1P
   AC Reversible Motor 6W
LS-4RK25-4GN NINGBO-LS-4RK25-4GN Datasheet
857Kb / 1P
   AC Reversible Motor 25W
LS-5RK120-5GU NINGBO-LS-5RK120-5GU Datasheet
874Kb / 1P
   AC Reversible Motor 120W
LS-5RK40-5GN NINGBO-LS-5RK40-5GN Datasheet
850Kb / 1P
   AC Reversible Motor 40W
LS-5RK60-5GN NINGBO-LS-5RK60-5GN Datasheet
850Kb / 1P
   AC Reversible Motor 60W
logo
celduc-relais
ST645000 CELDUC-ST645000 Datasheet
91Kb / 2P
   AC BLINKING SSR
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com