Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV6R11S3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # EV6R11S3
Description  IX6R11 HALF BRIDGE DRIVER Evaluation Board
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

EV6R11S3 Datasheet(HTML) 2 Page - IXYS Corporation

  EV6R11S3 Datasheet HTML 1Page - IXYS Corporation EV6R11S3 Datasheet HTML 2Page - IXYS Corporation EV6R11S3 Datasheet HTML 3Page - IXYS Corporation EV6R11S3 Datasheet HTML 4Page - IXYS Corporation EV6R11S3 Datasheet HTML 5Page - IXYS Corporation EV6R11S3 Datasheet HTML 6Page - IXYS Corporation EV6R11S3 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
EV6R11 KIT
Figure3: EV6R11 PCBSchematic
Schematic Diagram:
Ordering:
Schematic Notes:
This is a demonstration PCB and has been designed for flexibility and ease of use. The
schematic shows all options but does not mean the PCB is configured as such when ordered. The
PCB will be loaded with either the IX6R11S3 16 pin SOIC package (U3) OR the IX6R11S6 18 pin
SOIC package with heat sink tab (U4). The free-wheeling diodes, D2 and D3, are also not included
but can be installed if IGBTs are used.
EV6R11S3
PCB with IX6R11S3 16 pin SOIC IC package
EV6R11S6
PCB with IX6R11S6 18 pin SOIC IC package with heat tab
( Dead Timer )
U2
IXD P630/631
R
1
SU
15
SL
14
TU
13
TL
12
ENAT
6
RE SET (ac tiv e low)
8
S
3
ENAR
2
OUTEN A
7
ENAS
4
T
5
RL
16
RU
17
U3
LGO
1
LS
2
HS
6
HGO
8
HS
9
HI N
12
EN B
13
LI N
14
LS
16
R 15 jum pered
R16 open
D1
UF-1007 DICT
Y1
XM/S M
U1
LM78L05 AC Z
GN D
2
R 5 10K
R 4 10K
ENAS
ENAT
JP1
JP 2
U4
LS
1
LGO
2
LS
4
HS
7
HGO
8
HS
10
HI N
14
EN B
15
LI N
16
LS
18
P1-1 GND
P1 pins
P1-4 Vdd supply line
P1-3 LIN
P1-2 HIN
P1-6 PWM IN
P1-5 ENB active low
P1-7 +5V for IXDB630
R3
1K / 1M
R9
10
P1
C4
.1UF
P1-10 +VCL
P1-11 +VCL
C5 = 22 pF for IXDP631
C5 = 27 pF for IXDP630
R 13 jum pered
R14 open
C5
27p F (2 2pF )
C6
22PF
Q2
IXF H7N 90Q
1
2
3
Q1
IXF H7N 90 Q
1
2
3
R2
5.11
R1
5.11
+ C10
10 UF 35V
C1 1
.1UF
D3
D2
TP 2
TP 6
1
TP3
TP 1
TP4
1
TP 5
1
C1
10 UF 35V
C9
.1UF 1K V
+
C7
C8
.1UF
P1-8 external 630 drive
P1-9 N/C
C2
.1UF
C3
.01UF
LS GN D
TESTPOINT
Q1-D
TES TPOINT
DC BU S
TESTPOINT
Q2-S
TES TPOINT
P1-12 LS (VCL GND)
P1-13 LS (VCL GND)
Q3
2N 700 0
1
3
Q4
2N 7000
1
3
C12
.1UF
C13
.1UF


Similar Part No. - EV6R11S3

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
EV6-10R-Q PANDUIT-EV6-10R-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV6-12R-Q PANDUIT-EV6-12R-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV6-38R-Q PANDUIT-EV6-38R-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV6-56R-Q PANDUIT-EV6-56R-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
TE Connectivity Ltd
EV600 TEC-EV600 Datasheet
412Kb / 6P
   Kilovac EV600 High Voltage Contactor
More results

Similar Description - EV6R11S3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
99026 IXYS-99026 Datasheet
839Kb / 8P
   HALF BRIDGE DRIVER Evaluation Board
logo
Monolithic Power System...
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
   0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
   0.6A, 14V Half H-bridge Motor Driver Evaluation Board
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
   1-Channel H-Bridge Driver Evaluation Board
logo
Monolithic Power System...
EV8042DF-00C MPS-EV8042DF-00C Datasheet
285Kb / 5P
   High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8042DF-00B MPS-EV8042DF-00B Datasheet
247Kb / 5P
   High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8046DF-00A MPS-EV8046DF-00A Datasheet
230Kb / 5P
   High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8049S-U-00A MPS-EV8049S-U-00A Datasheet
232Kb / 6P
   24V 5.5A Quad Channel Power Half-Bridge Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com