Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM2964 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SM2964
Description  8-Bit Micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SM2964 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SM2964 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 9Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 10Page - List of Unclassifed Manufacturers SM2964 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
December 1998
Specifications subject to change without notice,contact your sales representatives for the most recent information.
7/15
Ver1.0
PID 2964 08/00
SyncMOS Technologies Inc.
SM2964
Application Reference
X'tal
3MHz
6MHz
9MHz
12MHz
C1
30 pF
30 pF
30 pF
30 pF
C2
30 pF
30 pF
30 pF
30 pF
R
open
open
open
open
X'tal
16MHz
25MHz
33MHz
40MHz
C1
30 pF
15 pF
10 pF
2 pF
C2
30 pF
15 pF
10 pF
2 pF
R
open
62K
6.8K
4.7K
Valid for SM2964C
XI
X2
SM2964C
X'tal
R
C1
C2
NOTE : Oscillation circuit may differs with different crystal or ceramic
resonator, especially in higher oscillation frequency which was
due to each crystal or ceramic resonator has its own characteristics.
User should check with the crystal or ceramic resonator manufacture
for appropriate value of external components.
Data Memory Read Cycle Timing
OSC
T12
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T1
T2
T3
ALE
1
2
#PSEN
#RD
PORT2
PORT0
5
7
ADDRESS A15 - A8
INST in Float
A7 - A0
3
4
3
Float
6
DATA in
8
Float
ADDRESS
or Float


Similar Part No. - SM2964

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM2965 ETC-SM2965 Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
SM2965IHH ETC-SM2965IHH Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
SM2965IHHK ETC-SM2965IHHK Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
More results

Similar Description - SM2964

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com