Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKLE240-25S30 Datasheet(PDF) 9 Page - International Rectifier

Part # IRKLE240-25S30
Description  MAGN-A-pak Power Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKLE240-25S30 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRKLE240-25S30 Datasheet HTML 2Page - International Rectifier IRKLE240-25S30 Datasheet HTML 3Page - International Rectifier IRKLE240-25S30 Datasheet HTML 4Page - International Rectifier IRKLE240-25S30 Datasheet HTML 5Page - International Rectifier IRKLE240-25S30 Datasheet HTML 6Page - International Rectifier IRKLE240-25S30 Datasheet HTML 7Page - International Rectifier IRKLE240-25S30 Datasheet HTML 8Page - International Rectifier IRKLE240-25S30 Datasheet HTML 9Page - International Rectifier IRKLE240-25S30 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Bulletin I27094 rev. B 03/01
IRK.L240 Series
www.irf.com
Fig.25-FrequencyCharacteristics
Fig.26-FrequencyCharacteristics
Fig. 24 - Maximum Forward Energy Power Loss Characteristics
1E0
1E1
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
20 jou les pe r p u lse
10
4
2
1
0.4
0.2
0.1
0.04
0.0 2
0.0 1
Pu lse Base w idth ( s)
tp
1E4
IRK.L240..S30
Sinuso id al Pu lse
T = 150 C
J
E1
1E2
1E3
1E4
20 jou les per pulse
10
4
2
1
0.4
0.2
0.1
0.0 4
0.02
0.01
Pu lse Base w idth ( s)
tp
1E1
IRK.L240..S30
Tra pez oidal Pulse
T = 150 C
J
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
50 H z
400
1000
20 0
1500
2500
10 00 0
200 00
5000
Pu lse Base w id th ( s)
tp
1E4
IRK.L240..S30
Sin usoidal Pulse
T
= 90 C
C
1E11E2
1E31E4
50 H z
400
10 00
200
1500
250 0
10 00 0
20 00 0
500 0
Pu lse Base w id th ( s)
tp
1E1
Sin usoidal Pulse
T
= 100 C
C
IRK.L240..S30
1E2
1E3
1E4
1E5
1E1
1E2
1E3
1E4
50 H z
40 0
1000
200
1500
250 0
5000
Pu lse Base w id th ( s)
tp
1E4
IRK.L240..S30
Trape zo ida l P ulse
T
= 90 C
C
1E1
1E2
1E3
1E4
50 H z
40 0
1000
200
1500
2500
50 00
Pu lse Base w id th ( s)
tp
1E1
IRK.L240..S30
Trap ez oidal P ulse
T
= 100 C
C


Similar Part No. - IRKLE240-25S30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL136-04 IRF-IRKL136-04 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-08 IRF-IRKL136-08 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-12 IRF-IRKL136-12 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-14 IRF-IRKL136-14 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-16 IRF-IRKL136-16 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results

Similar Description - IRKLE240-25S30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com