Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKLC240-25S30 Datasheet(PDF) 6 Page - International Rectifier

Part # IRKLC240-25S30
Description  MAGN-A-pak Power Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKLC240-25S30 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRKLC240-25S30 Datasheet HTML 2Page - International Rectifier IRKLC240-25S30 Datasheet HTML 3Page - International Rectifier IRKLC240-25S30 Datasheet HTML 4Page - International Rectifier IRKLC240-25S30 Datasheet HTML 5Page - International Rectifier IRKLC240-25S30 Datasheet HTML 6Page - International Rectifier IRKLC240-25S30 Datasheet HTML 7Page - International Rectifier IRKLC240-25S30 Datasheet HTML 8Page - International Rectifier IRKLC240-25S30 Datasheet HTML 9Page - International Rectifier IRKLC240-25S30 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRK.L240 Series
6
Bulletin I27094 rev. B 03/01
www.irf.com
Fig.9-ForwardPowerLossCharacteristics
Fig.10-ForwardPowerLossCharacteristics
Fig.11-MaximumNon-RepetitiveSurgeCurrent
Fig.12-MaximumNon-RepetitiveSurgeCurrent
Fig.13-ForwardVoltageDropCharacteristics
Fig.14-ForwardVoltageDropCharacteristics
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
A verag e Fo rw a rd C urren t (A )
RM S Lim it
Co nduc tio n A ngle
180
120
90
60
30
IRK.L240..S30 Se rie s
Pe r J unc tion
T = 150 C
J
0
50
100
150
200
250
300
350
400
450
500
550
0
50
100 150 200 250 300 350 400
DC
180
120
90
60
30
RM S Lim it
Cond uc tion Pe riod
A ve rag e Forw ard C urre n t (A)
IRK.L240..S30 Series
Per Ju nctio n
T
= 150 C
J
2000
3000
4000
5000
6000
7000
110
100
N u m b e r Of E q u a l A m plitu d e H a lf C ycle Cu rre nt Pu ls es ( N )
Initia l T = 1 50 C
@ 6 0 Hz 0.00 83 s
@ 5 0 Hz 0.01 00 s
At Any Ra ted Lo a d Co n d itio n An d W ith
Ra te d V
A p p lied F o llo w ing Surge.
RRM
J
IR K.L240..S30 Series
Per Ju n ctio n
1000
2000
3000
4000
5000
6000
7000
8000
0.01
0.1
1
Pu ls e Train D ura tion (s )
Ma ximum Non Re p e titive Surg e C urrent
Initia l T
= 15 0 C
N o Vo lta ge Rea p p lied
R ated V
Rea p p lied
Versu s Pu lse Tra in Du ra tio n.
RR M
J
IRK.L240..S30 Series
Per Junctio n
100
1000
10000
1
1.5
2
2.5
3
3.5
T = 25 C
J
In stan ta n e o u s F o rw ard Vo ltag e (V )
IR K.L240..S10/S20 Se rie s
Pe r Ju nc tion
T = 150 C
J
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25 C
J
Instan tan eo u s Fo rw ard V o ltag e (V )
T = 150 C
J
IR K.L240..S3 0 Series
Per Ju n ctio n


Similar Part No. - IRKLC240-25S30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL136-04 IRF-IRKL136-04 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-08 IRF-IRKL136-08 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-12 IRF-IRKL136-12 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-14 IRF-IRKL136-14 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-16 IRF-IRKL136-16 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results

Similar Description - IRKLC240-25S30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com