Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKJ270 Datasheet(PDF) 5 Page - International Rectifier

Part # IRKJ270
Description  MAGN-A-pak Power Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKJ270 Datasheet(HTML) 5 Page - International Rectifier

  IRKJ270 Datasheet HTML 1Page - International Rectifier IRKJ270 Datasheet HTML 2Page - International Rectifier IRKJ270 Datasheet HTML 3Page - International Rectifier IRKJ270 Datasheet HTML 4Page - International Rectifier IRKJ270 Datasheet HTML 5Page - International Rectifier IRKJ270 Datasheet HTML 6Page - International Rectifier IRKJ270 Datasheet HTML 7Page - International Rectifier IRKJ270 Datasheet HTML 8Page - International Rectifier IRKJ270 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
0
50
100
150
200
250
300
0
50
100
150
200
250
A ve ra g e Fo rw ard C urrent (A)
RMS Lim it
Co nd uc tio n Ang le
180
120
90
60
30
IRK .250.. Se rie s
T = 150 C
J
0
50
100
150
200
250
300
350
400
450
0
50
100 150 200 250 300 350 400
DC
180
120
90
60
30
Ave rag e Fo rw a rd C urre n t (A)
RM S Lim it
C o nd uction P eriod
IRK .250.. Se rie s
T = 150 C
J
0
255075
100
125
150
M axim um Allo w ab le Am b ien t Te m p e rature ( C )
0.0
8
K/
W
0.2
K/W
0.25
K/W
0.4 K
/W
0 .1
2
K/
W
0.6 K/W
0
100
200
300
400
500
600
0
50
100
150
200
250
300 350
400
To tal RM S O utput C urre n t (A )
180
(Sin e )
DC
IRK .250.. Se rie s
Pe r Jun c tio n
T = 150 C
J
0
25
50
75
100
125
150
Ma ximu m A llo w a b le A m b ie n t Te mp e ra ture ( C )
0.0
8
K/
W
0.1
K/
W
0.1
6 K
/W
0.25
K/W
0.35 K/
W
0
200
400
600
800
1000
1200
0
100
200
300
400
500
To ta l O utpu t C u rren t (A )
180
(Sin e )
180
(Re c t)
2 x IRK.25 0.. Series
Sing le Ph ase Brid ge
Co nn ected
T
= 150 C
J


Similar Part No. - IRKJ270

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKJ236-04 IRF-IRKJ236-04 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKJ236-08 IRF-IRKJ236-08 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKJ236-12 IRF-IRKJ236-12 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKJ236-14 IRF-IRKJ236-14 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKJ236-16 IRF-IRKJ236-16 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
More results

Similar Description - IRKJ270

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com