Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKC250 Datasheet(PDF) 1 Page - International Rectifier

Part # IRKC250
Description  MAGN-A-pak Power Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKC250 Datasheet(HTML) 1 Page - International Rectifier

  IRKC250 Datasheet HTML 1Page - International Rectifier IRKC250 Datasheet HTML 2Page - International Rectifier IRKC250 Datasheet HTML 3Page - International Rectifier IRKC250 Datasheet HTML 4Page - International Rectifier IRKC250 Datasheet HTML 5Page - International Rectifier IRKC250 Datasheet HTML 6Page - International Rectifier IRKC250 Datasheet HTML 7Page - International Rectifier IRKC250 Datasheet HTML 8Page - International Rectifier IRKC250 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
I
F(AV)
250
270
320
A
@ T
C
100
100
100
°C
I
F(RMS)
393
424
502
A
I
FSM
@ 50Hz
7015
8920
10110
A
@ 60Hz
7345
9430
10580
A
I2t
@ 50Hz
246
398
511
KA2s
@ 60Hz
225
363
466
KA2s
I2
√t
2460
3980
5110
KA2
√s
V
RRM
Up to 2000 Up to 3000 Up to 2000
V
T
J
-40 to 150
o
C
Parameters
IRK.250.. IRK.270.. IRK.320.. Units
Major Ratings and Characteristics
This new IRK series of MAGN-A-paks uses high voltage
power diodes in two basic configurations. The semicon-
ductors are electrically isolated from the metal base ,
allowing common heatsinks and compact assemblies to
be built. They can be interconnected to form single
phase or three phase bridges and the single diode
module can be used in conjunction with the thyristor
modules as a freewheel diode. These modules are
intended for general purpose applications such as
battery chargers, welders and plating equipment and
where high voltage and high current are required (motor
drives, etc.).
Description
Features
High voltage
Electrically isolated base plate
3000 V
RMS isolating voltage
Industrial standard package
Simplified mechanical designs, rapid assembly
High surge capability
Large creepage distances
UL E78996 approved
STANDARD RECOVERY DIODES
250A
270A
320A
MAGN-A-pak
 Power Modules
IRK. SERIES
1
Bulletin I27090 rev. C 05/02
www.irf.com


Similar Part No. - IRKC250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKC236-04 IRF-IRKC236-04 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-08 IRF-IRKC236-08 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-12 IRF-IRKC236-12 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-14 IRF-IRKC236-14 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-16 IRF-IRKC236-16 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
More results

Similar Description - IRKC250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com