Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRK320 Datasheet(PDF) 8 Page - International Rectifier

Part # IRK320
Description  MAGN-A-pak Power Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK320 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRK320 Datasheet HTML 3Page - International Rectifier IRK320 Datasheet HTML 4Page - International Rectifier IRK320 Datasheet HTML 5Page - International Rectifier IRK320 Datasheet HTML 6Page - International Rectifier IRK320 Datasheet HTML 7Page - International Rectifier IRK320 Datasheet HTML 8Page - International Rectifier IRK320 Datasheet HTML 9Page - International Rectifier IRK320 Datasheet HTML 10Page - International Rectifier IRK320 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
Fig. 17 - Forward Power Loss Characteristics
Fig. 18 - Forward Power Loss Characteristics
Fig. 19 - Maximum Non-Repetitive Surge Current
Fig. 20 - Maximum Non-Repetitive Surge Current
0
25
50
75
100
125
150
0. 25 K/
W
0.4 K/W
0.0
6
K/
W
0.0
8
K/W
0.12
K/W
0.16
K/W
M a ximum A llo w a b le A m b ie n t Te mp e ra tu re ( C )
0.6 K /W
0
200
400
600
800
1000
1200
1400
1600
1800
0
100
200
300
400
500
600
180
(Sin e )
180
(R e c t)
To ta l O utp ut C urre n t (A )
2 x IRK .270.. Se rie s
Sin g le P h a se Brid g e
Co n n e c t e d
T
= 150 C
J
0
25
50
75
100
125
150
0.0
6 K
/W
0.1
K/W
0.16
K/W
0 .25 K/W
0.4 K/W
0.6 K/W
M a xim u m A llow ab le A m b ien t T e m p era ture ( C )
0.0
4
K/
W
0
300
600
900
1200
1500
1800
2100
2400
0
200
400
600
800
120
(Re c t)
Tota l O utp ut C urre n t (A )
3 x IRK .270.. Se rie s
Th re e Ph a se B rid g e
Con n e c te d
T = 150 C
J
2000
3000
4000
5000
6000
7000
8000
110
100
Nu m b e r Of E q u a l Am p litu d e H a lf C y cle C u r rent Pu lses (N)
In itial T
= 15 0 C
@ 6 0 Hz 0.00 83 s
@ 5 0 Hz 0.01 00 s
At Any Ra ted Lo a d Co nd itio n And W ith
Ra te d V
A p p lied Fo llo w in g Surge.
RRM
J
IRK.27 0.. Series
Per Ju nctio n
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Pu ls e Train D u ra tio n (s)
M a xim u m N o n R e p etitiv e Surg e C urre n t
IR K.270 .. Series
Per Jun ctio n
Initia l T
= 15 0 C
N o Vo ltag e R ea p p lied
R ated V
Rea p plied
Versu s Pulse T ra in Du ra tio n .
RRM
J


Similar Part No. - IRK320

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
IRK320-04 TEL-IRK320-04 Datasheet
185Kb / 1P
   Power Module 320 Amp
IRK320-08 TEL-IRK320-08 Datasheet
185Kb / 1P
   Power Module 320 Amp
IRK320-12 TEL-IRK320-12 Datasheet
185Kb / 1P
   Power Module 320 Amp
IRK320-14 TEL-IRK320-14 Datasheet
185Kb / 1P
   Power Module 320 Amp
IRK320-16 TEL-IRK320-16 Datasheet
185Kb / 1P
   Power Module 320 Amp
More results

Similar Description - IRK320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com