Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404814 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD404814
Description  4-Bit Single-Chip Microcomputer
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404814 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD404814 Datasheet HTML 1Page - Renesas Technology Corp HD404814 Datasheet HTML 2Page - Renesas Technology Corp HD404814 Datasheet HTML 3Page - Renesas Technology Corp HD404814 Datasheet HTML 4Page - Renesas Technology Corp HD404814 Datasheet HTML 5Page - Renesas Technology Corp HD404814 Datasheet HTML 6Page - Renesas Technology Corp HD404814 Datasheet HTML 7Page - Renesas Technology Corp HD404814 Datasheet HTML 8Page - Renesas Technology Corp HD404814 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
HD404818 Series
2
• Subroutine stack up to 16 levels, including interrupts
• Instruction cycle time:
 1 µs (f
OSC = 4 MHz for HD404812/HD404814/HD404816/HD404818/HD4074818)
 5 µs (f
OSC = 800 kHz for HD40L4812/HD40L4814/HD40L4816/HD40L4818/HD407L4818)
• Four low-power dissipation modes
 Standby mode
 Stop mode
 Watch mode
 Subactive mode
• Internal oscillator:
 Main clock: Can be driven by ceramic oscillator, crystal oscillator, or external clock
 Subclock: 32.768-kHz crystal
• Voltage comparator (2 channels)
• Package
 80-pin plastic flat package
(FP-80B, FP-80A)
 80-pin plastic thin flat package (TFP-80)


Similar Part No. - HD404814

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404814 HITACHI-HD404814 Datasheet
2Mb / 81P
   16-digit LCD driver
HD404814FS HITACHI-HD404814FS Datasheet
2Mb / 81P
   16-digit LCD driver
HD404814H HITACHI-HD404814H Datasheet
2Mb / 81P
   16-digit LCD driver
HD404814TF HITACHI-HD404814TF Datasheet
2Mb / 81P
   16-digit LCD driver
More results

Similar Description - HD404814

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com