Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT827BKRF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BT827BKRF
Description  VideoStreamII Decoders
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BT827BKRF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BT827BKRF Datasheet HTML 1Page - List of Unclassifed Manufacturers BT827BKRF Datasheet HTML 2Page - List of Unclassifed Manufacturers BT827BKRF Datasheet HTML 3Page - List of Unclassifed Manufacturers BT827BKRF Datasheet HTML 4Page - List of Unclassifed Manufacturers BT827BKRF Datasheet HTML 5Page - List of Unclassifed Manufacturers BT827BKRF Datasheet HTML 6Page - List of Unclassifed Manufacturers BT827BKRF Datasheet HTML 7Page - List of Unclassifed Manufacturers BT827BKRF Datasheet HTML 8Page - List of Unclassifed Manufacturers BT827BKRF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
Bt829B/827B
VideoStreamII Decoders
Advance Information
This document contains information on a product under development. The parametric information contains target
parameters that are subject to change.
Bt829B– Video Capture Processor and Scaler for
TV/VCR Analog Input
Bt827B– Composite Video and S-Video Decoder
The Bt829B and Bt827B VideoStream™ Decoders are a family of single-chip, pin-
and register-compatible, composite NTSC/PAL/SECAM video and S-Video decod-
ers. They are also pin and register backward compatible with the Bt829A/827A
family of products. Low operating power consumption and power-down capabil-
ity make them ideal low-cost solutions for PC video capture applications on both
desktop and portable system platforms with a 3.3 V digital I/O interface. They
support square pixel and CCIR601 resolutions for NTSC, PAL, and SECAM video.
They have a flexible pixel port which supports a variety of system interface config-
urations, and they are offered in a 100-pin Plastic Quad Flat Pack (PQFP).
Functional Block Diagram
Distinguishing Features
Single-chip composite/S-Video NTSC/PAL/
SECAM to YCrCb digitizer
On-chip Ultralock
Square Pixel and CCIR601 Resolution for:
NTSC (M)
NTSC (M) without 7.5IRE pedestal
PAL (B, D, G, H, I, M, N, N
combination)
SECAM
Chroma comb filter
Arbitrary horizontal and 5-tap vertical
filtered scaling
Hardware closed-caption decoder
Vertical Blanking Interval (VBI) data
pass-through
Arbitrary temporal decimation for a
reduced frame-rate video sequence
Programmable hue, brightness, saturation,
and contrast
User-programmable cropping of the video
window
2x oversampling to simplify external
analog filtering
Two-wire Inter-Integrated Circuit (I2C) bus
interface
8- or 16-bit pixel interface
YCrCb (4:2:2) output format
Software selectable four-input analog MUX
4 fully programmable GPIO bits
Auto NTSC/PAL format detect
Automatic Gain Control (AGC)
3.3 V I/O
Typical power consumption 0.85 W
IEEE 1149.1 Joint Test Action Group
(JTAG) interface
100-pin PQFP
Related Products
Bt829A, Bt856/857, Bt864A/865A, Bt864/
865, Bt852
Applications
Multimedia
Image processing
Desktop video
Video phone
Teleconferencing
Interactive video
ADC
Ultralock
and
Clock
MUX0
MUX1
MUXOUT
SYNCDET
REFOUT
YREF+
YIN
16
Output
Luma-Chroma
Separation
and
Chroma
Output
Video
YREF–
Analog
MUX
ADC
CREF+
CIN
CREF–
AGC
Timing
Control
Data
I2C
JTAG
Demodulation
Spatial and
Temporal
Scaling
Video
Timing
Unit
Generation
XT0
XT1
40 MHz
40 MHz
MUX2
MUX3


Similar Part No. - BT827BKRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT827A ETC-BT827A Datasheet
1Mb / 136P
   VideoStream DECODER
BT827AKRF ETC-BT827AKRF Datasheet
1Mb / 136P
   VideoStream DECODER
More results

Similar Description - BT827BKRF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS42 NSC-54LS42 Datasheet
128Kb / 6P
   Decimal Decoders
54LS138 NSC-54LS138 Datasheet
165Kb / 8P
   Decoders/Demultiplexers
logo
List of Unclassifed Man...
BT819A ETC-BT819A Datasheet
759Kb / 110P
   VideoStream Decoders
logo
National Semiconductor ...
9311 NSC-9311 Datasheet
96Kb / 4P
   DECODERS/DEMULTIPLEXERS
logo
Synaptics Incorporated.
CX22490 CONEXANT-CX22490 Datasheet
354Kb / 4P
   lnteractive TV Decoders
logo
Zilog, Inc.
Z87010 ZILOG-Z87010 Datasheet
89Kb / 22P
   Audio Encoder/Decoders
logo
Micronas
VPX3226E MICRONAS-VPX3226E Datasheet
616Kb / 92P
   Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3220A ETC-VPX3220A Datasheet
752Kb / 80P
   Video Pixel Decoders
logo
rfsolutions.ltd
008-315FR1 RFSOLUTIONS-008-315FR1 Datasheet
50Kb / 2P
   RADIO RECEIVER DECODERS
logo
Micronas
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
   Video Pixel Decoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com