Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38842MR-ADJ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38842MR-ADJ
Description  1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38842MR-ADJ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP38842MR-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP38842MR-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP38842MR-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP38842MR-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP38842MR-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP38842MR-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP38842MR-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP38842MR-ADJ Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 5 seconds)
260˚C
ESD Rating
Human Body Model (Note 3)
Machine Model (Note 9)
2kV
200V
Power Dissipation (Note 2)
Internally Limited
V
IN Supply Voltage (Survival)
−0.3V to +6V
V
BIAS Supply Voltage (Survival)
−0.3V to +7V
Shutdown Input Voltage (Survival)
−0.3V to +7V
V
ADJ
-0.3V to +6V
I
OUT (Survival)
Internally Limited
Output Voltage (Survival)
−0.3V to +6V
Junction Temperature
−40˚C to +150˚C
Operating Ratings
V
IN Supply Voltage
(V
OUT +VDO) to 5.5V
Shutdown Input Voltage
0 to +5.5V
I
OUT
1.5A
Operating Junction
Temperature Range
−40˚C to +125˚C
V
BIAS Supply Voltage
4.5V to 5.5V
V
OUT
0.56V to 1.5V
Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply
over the full operating temperature range. Unless otherwise specified: V
IN =VO(NOM) + 1V, VBIAS = 4.5V, IL =10mA,
C
IN = 10 µF CER, COUT = 22 µF CER, VS/D =VBIAS. Min/Max limits are guaranteed through testing, statistical correlation, or
design.
Symbol
Parameter
Conditions
MIN
TYP
(Note 4)
MAX
Units
V
ADJ
Adjust Pin Voltage
10 mA < I
L < 1.5A
V
O(NOM) + 1V
≤ V
IN
≤ 5.5V
4.5V
≤ V
BIAS
≤ 5.5V
0.552
0.543
0.56
0.568
0.577
V
I
ADJ
Adjust Pin Bias Current
10 mA < I
L < 1.5A
V
O(NOM) + 1V
≤ V
IN
≤ 5.5V
4.5V
≤ V
BIAS
≤ 5.5V
1µA
∆V
O/
∆V
IN
Output Voltage Line Regulation
(Note 6)
V
O(NOM) + 1V
≤ V
IN
≤ 5.5V
0.01
%/V
∆V
O/
∆I
L
Output Voltage Load
Regulation (Note 7)
10 mA < I
L < 1.5A
0.1
0.4
1.1
%/A
V
DO
Dropout Voltage (Note 8)
I
L = 1.5A
115
175
315
mV
I
Q(VIN)
Quiescent Current Drawn from
V
IN Supply
10 mA < I
L < 1.5A
30
35
40
mA
V
S/D
≤ 0.3V
0.06
1
30
µA
I
Q(VBIAS)
Quiescent Current Drawn from
V
BIAS Supply
10 mA < I
L < 1.5A
2
4
6
mA
V
S/D
≤ 0.3V
0.03
1
30
µA
UVLO
V
BIAS Voltage Where
Regulator Output Is Enabled
3.8
V
I
SC
Short-Circuit Current
V
OUT =0V
4
A
Shutdown Input
V
SDT
Output Turn-off Threshold
Output = ON
0.7
1.3
V
Output = OFF
0.3
0.7
Td (OFF)
Turn-OFF Delay
R
LOAD XCOUT << Td (OFF)
20
µs
Td (ON)
Turn-ON Delay
R
LOAD XCOUT << Td (ON)
15
I
S/D
S/D Input Current
V
S/D =1.3V
1
µA
V
S/D
≤ 0.3V
−1
θ
J-A
Junction to Ambient Thermal
Resistance
PSOP-8 Package (Note 10)
43
˚C/W
www.national.com
3


Similar Part No. - LP38842MR-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38842MR-ADJ/NOPB TI-LP38842MR-ADJ/NOPB Datasheet
846Kb / 15P
[Old version datasheet]   1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38842MR-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38842-ADJ TI-LP38842-ADJ_15 Datasheet
846Kb / 15P
[Old version datasheet]   1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38842 TI1-LP38842 Datasheet
989Kb / 17P
[Old version datasheet]   1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38842 NSC-LP38842 Datasheet
626Kb / 11P
   1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
   0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38841-ADJ TI-LP38841-ADJ_15 Datasheet
843Kb / 15P
[Old version datasheet]   0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
[Old version datasheet]   Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
[Old version datasheet]   3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38841 NSC-LP38841 Datasheet
595Kb / 10P
   0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38841 TI1-LP38841 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38843 NSC-LP38843 Datasheet
643Kb / 11P
   3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com