Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHNA9260 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHNA9260
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNA9260 Datasheet(HTML) 2 Page - International Rectifier

  IRHNA9260 Datasheet HTML 1Page - International Rectifier IRHNA9260 Datasheet HTML 2Page - International Rectifier IRHNA9260 Datasheet HTML 3Page - International Rectifier IRHNA9260 Datasheet HTML 4Page - International Rectifier IRHNA9260 Datasheet HTML 5Page - International Rectifier IRHNA9260 Datasheet HTML 6Page - International Rectifier IRHNA9260 Datasheet HTML 7Page - International Rectifier IRHNA9260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHNA9260, JANSR2N7426U
Pre-Irradiation
2
www.irf.com
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-29
ISM
Pulse Source Current (Body Diode) ➀
-116
VSD
Diode Forward Voltage
-3.0
V
Tj = 25°C, IS = -29A, VGS = 0V ➃
trr
Reverse Recovery Time
738
ns
Tj = 25°C, IF = -29A, di/dt ≤ -100A/µs
QRR
Reverse Recovery Charge
12
µCVDD ≤ -50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
0.42
RthJ-PCB
Junction-to-PC board
1.6
soldered to a 2” square copper-clad board
°C/W
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-200
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
-0.27
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.154
VGS = -12V, ID = -18A
Resistance
0.159
VGS = -12V, ID = -29A
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
V
VDS = VGS, ID = -1.0mA
gfs
Forward Transconductance
14
S ( )VDS > -15V, IDS = -18A ➃
IDSS
Zero Gate Voltage Drain Current
-25
VDS= -160V ,VGS=0V
-250
VDS = -160V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS = 20V
Qg
Total Gate Charge
300
VGS = -12V, ID = -29A
Qgs
Gate-to-Source Charge
65
nC
VDS = -100V
Qgd
Gate-to-Drain (‘Miller’) Charge
58
td(on)
Turn-On Delay Time
37
VDD = -100V, ID = -29A
tr
Rise Time
141
RG = 2.35Ω
td(off)
Turn-Off Delay Time
148
tf
Fall Time
220
LS + LD
Total Inductance
4.0
Ciss
Input Capacitance
6143
VGS = 0V, VDS = -25V
Coss
Output Capacitance
915
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
159
nA
nH
ns
µA
Measured from the center of
drain pad to center of source pad


Similar Part No. - IRHNA9260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA9260 IRF-IRHNA9260 Datasheet
128Kb / 8P
   Simple Drive Requirements
IRHNA9260 IRF-IRHNA9260_15 Datasheet
128Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNA9260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHNA597260 IRF-IRHNA597260 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA3160 IRF-IRHNA3160 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA67264 IRF-IRHNA67264 Datasheet
188Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHE57133SE IRF-IRHE57133SE Datasheet
176Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-2)
IRHNA597Z60 IRF-IRHNA597Z60 Datasheet
195Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA57064 IRF-IRHNA57064 Datasheet
180Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA57264SE IRF-IRHNA57264SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA57163SE IRF-IRHNA57163SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-2)
IRHNA597064 IRF-IRHNA597064 Datasheet
226Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
JANSR2N7468U2 IRF-JANSR2N7468U2 Datasheet
185Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com