Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA720A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA720A
Description  Silicon PNP epitaxial planer type(For low-frequency driver amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA720A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA720A Datasheet HTML 1Page - Panasonic Semiconductor 2SA720A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SA720A
Silicon PNP epitaxial planer type
For low-frequency driver amplification
Complementary to 2SC1318A
s Features
q
High collector to emitter voltage VCEO.
q
Optimum for the driver stage of a low-frequency and 25 to 30W
output amplifier.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–80
–70
–5
–1
– 0.5
625
150
–55 ~ +150
Unit
V
V
V
A
A
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = –20V, IE = 0
IC = –10µA, IE = 0
IC = –2mA, IB = 0
IE = –10µA, IC = 0
VCE = –10V, IC = –150mA
*2
VCE = –10V, IC = –500mA
*2
IC = –300mA, IB = –30mA
*2
IC = –300mA, IB = –30mA
*2
VCB = –10V, IE = 50mA, f = 100MHz
VCB = –10V, IE = 0, f = 1MHz
min
–80
–70
–5
85
40
typ
– 0.2
– 0.85
120
20
max
– 0.1
240
– 0.6
–1.5
30
Unit
µA
V
V
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
Q
R
hFE1
85 ~ 170
120 ~ 240
*2 Pulse measurement


Similar Part No. - 2SA720A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA720A PANASONIC-2SA720A Datasheet
45Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SA720A PANASONIC-2SA720A Datasheet
72Kb / 3P
   For low-frequency driver amplification Complementary
logo
List of Unclassifed Man...
2SA720A ETC1-2SA720A Datasheet
192Kb / 3P
   TRANSISTOR
More results

Similar Description - 2SA720A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA777 PANASONIC-2SA777 Datasheet
46Kb / 3P
   Silicon PNP epitaxial planer type(For low-frequency driver amplification)
2SB789 PANASONIC-2SB789 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency driver amplification)
2SB1050 PANASONIC-2SB1050 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1073 PANASONIC-2SB1073 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB774 PANASONIC-2SB774 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1030 PANASONIC-2SB1030 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1539 PANASONIC-2SB1539 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1592 PANASONIC-2SB1592 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1612 PANASONIC-2SB1612 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1679 PANASONIC-2SB1679 Datasheet
44Kb / 1P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com