Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD2203-D112 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MD2203-D112
Description  Disk OnChip 2000 DIP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MD2203-D112 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MD2203-D112 Datasheet HTML 5Page - List of Unclassifed Manufacturers MD2203-D112 Datasheet HTML 6Page - List of Unclassifed Manufacturers MD2203-D112 Datasheet HTML 7Page - List of Unclassifed Manufacturers MD2203-D112 Datasheet HTML 8Page - List of Unclassifed Manufacturers MD2203-D112 Datasheet HTML 9Page - List of Unclassifed Manufacturers MD2203-D112 Datasheet HTML 10Page - List of Unclassifed Manufacturers MD2203-D112 Datasheet HTML 11Page - List of Unclassifed Manufacturers MD2203-D112 Datasheet HTML 12Page - List of Unclassifed Manufacturers MD2203-D112 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DiskOnChip 2000 DIP
4
Designing with the DiskOnChip 2000 Flash Disk
4.1 Hardware
DiskOnChip 2000 should be connected as a standard memory device, using standard memory
interface signals. Typically, DiskOnChip 2000 can be mapped to any free 8KB memory space. In PC
architectures, if the memory window allocated to DiskOnChip 2000 is larger than 8KB, an automatic
anti-aliasing mechanism prevents the firmware from being loaded more than once. Figure 1
illustrates a typical interface between DiskOnChip 2000 and a system.
OE#
CE#
D[7:0]
WE#
DiskOnChip 2000
Any Capacity
A[12:0]
Figure 2: Simplified I/O Diagram
4.2 Software
DiskOnChip 2000, under control of TrueFFS, is accessed using standard file system calls like any
other block device. Applications can write to and read from any sector on DiskOnChip 2000, which
is compatible with all diagnostic utilities, applications and file systems.
The flash memory within DiskOnChip 2000 is accessed by TrueFFS through an 8KB window in the
CPU’s memory space. TrueFFS handles the paging of this window in the flash array, as well as
providing flash disk emulation that includes flash table management, wear leveling, mapping out bad
blocks, and background space reclamation of unused flash blocks.
The same 8KB address space will be retained in future versions of DiskOnChip 2000 that offer
greater capacities.
4.3 Designing DiskOnChip 2000 into PC Architecture
When used in PC-compatible architectures, DiskOnChip 2000 is allocated an 8KB memory window
in the BIOS expansion memory range, which is usually located between 0C8000h and 0EFFFFh.
Figure 3 illustrates the DiskOnChip 2000 memory window in relation to the PC memory map.
91-SR-002-42-8L Rev.
3.4
9


Similar Part No. - MD2203-D112

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD22-0002-MUC MACOM-MD22-0002-MUC Datasheet
68Kb / 2P
   Surface Mount Mixer 700 - 1000 MHz
logo
Motorola, Inc
MD2218 MOTOROLA-MD2218 Datasheet
193Kb / 5P
   DUAL AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MD2218 NJSEMI-MD2218 Datasheet
136Kb / 3P
   DUAL AMPLIFIER TRANSISTOR
logo
Motorola, Inc
MD2218A MOTOROLA-MD2218A Datasheet
193Kb / 5P
   DUAL AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MD2218A NJSEMI-MD2218A Datasheet
136Kb / 3P
   DUAL AMPLIFIER TRANSISTOR
More results

Similar Description - MD2203-D112

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-3840 AAEON-PCM-3840 Datasheet
169Kb / 1P
   DiskOnChip 2000 Flash Disk Module
logo
Micronetics, Inc.
NMA2012-A1D MICRONETICS-NMA2012-A1D Datasheet
295Kb / 2P
   Dip Packaged Noise Sources 100 kHz to 2000 MHz
logo
Silan Microelectronics ...
SA276 SILAN-SA276 Datasheet
119Kb / 4P
   BRUSHLESS DCFAN DRIVER WITH ONCHIP HALL SENSOR
logo
KODENSHI_AUK CORP.
KED KODENSHI-KED Datasheet
134Kb / 1P
   ENCODER DISK
logo
NEC
M300 NEC-M300 Datasheet
399Kb / 2P
   Disk array
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
   Optical Disk Controller
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
AP-UM256ME10CG ETC2-AP-UM256ME10CG Datasheet
429Kb / 22P
   USB-Disk Module?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com