Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD2203-D80 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MD2203-D80
Description  Disk OnChip 2000 DIP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MD2203-D80 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MD2203-D80 Datasheet HTML 7Page - List of Unclassifed Manufacturers MD2203-D80 Datasheet HTML 8Page - List of Unclassifed Manufacturers MD2203-D80 Datasheet HTML 9Page - List of Unclassifed Manufacturers MD2203-D80 Datasheet HTML 10Page - List of Unclassifed Manufacturers MD2203-D80 Datasheet HTML 11Page - List of Unclassifed Manufacturers MD2203-D80 Datasheet HTML 12Page - List of Unclassifed Manufacturers MD2203-D80 Datasheet HTML 13Page - List of Unclassifed Manufacturers MD2203-D80 Datasheet HTML 14Page - List of Unclassifed Manufacturers MD2203-D80 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DiskOnChip 2000 DIP
5
Disk Capacities and Contents
The capacities for the various models are detailed in the following two tables.
5.1 Low-Profile
Model
Formatted
Capacity
(bytes)
Sectors
Formatted Capacity
under DOS 6.22
(bytes)
Sectors under DOS
6.22
MD2202-D16
16,375,808
31,984
16,324,608
31,884
MD2200-D24
24,592,384
48,032
24,516,608
47,884
MD2202-D32
32,800,768
64,064
32,724,992
63,916
MD2202-D48
49,233,920
96,160
49,092,608
95,884
MD2202-D64
65,683,456
128,288
65,525,760
127,980
MD2202-D96
98,566,144
192,512
98,390,016
192,168
MD2202-D192
197,279,744
381,300
103,829,024
385,280
5.2 High-Profile
Model
Formatted
Capacity
(bytes)
Sectors
Formatted Capacity
under DOS 6.22
(bytes)
Sectors under DOS
6.22
MD2203-D80
82,116,608
160,384
81, 989, 632
160,136
MD2203-D112
114,999,296
224,608
114, 786, 304
224,192
MD2203-D144
147,881,984
288,832
147, 578, 880
288,240
MD2203-D160
164,331,520
320,960
164, 151, 296
320,608
MD2203-D192
197,214,208
385,184
196, 980, 736
384,728
MD2203-D224
230, 031, 360
449, 280
229, 584, 896
448, 408
MD2203-D256
262, 930, 432
513, 536
262, 647, 808
512, 984
MD2203-D288
295, 796, 736
577,728
295, 624, 704
577,392
MD2203-D576
591, 790, 080
1,142,970
311, 427, 072
1,155,776
5.3 Media Contents
DiskOnChip 2000 products are shipped from M-Systems fully tested, already formatted, and come
with a DOS driver.
91-SR-002-42-8L Rev.
3.4
11


Similar Part No. - MD2203-D80

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD22-0002-MUC MACOM-MD22-0002-MUC Datasheet
68Kb / 2P
   Surface Mount Mixer 700 - 1000 MHz
logo
Motorola, Inc
MD2218 MOTOROLA-MD2218 Datasheet
193Kb / 5P
   DUAL AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MD2218 NJSEMI-MD2218 Datasheet
136Kb / 3P
   DUAL AMPLIFIER TRANSISTOR
logo
Motorola, Inc
MD2218A MOTOROLA-MD2218A Datasheet
193Kb / 5P
   DUAL AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MD2218A NJSEMI-MD2218A Datasheet
136Kb / 3P
   DUAL AMPLIFIER TRANSISTOR
More results

Similar Description - MD2203-D80

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-3840 AAEON-PCM-3840 Datasheet
169Kb / 1P
   DiskOnChip 2000 Flash Disk Module
logo
Micronetics, Inc.
NMA2012-A1D MICRONETICS-NMA2012-A1D Datasheet
295Kb / 2P
   Dip Packaged Noise Sources 100 kHz to 2000 MHz
logo
Silan Microelectronics ...
SA276 SILAN-SA276 Datasheet
119Kb / 4P
   BRUSHLESS DCFAN DRIVER WITH ONCHIP HALL SENSOR
logo
KODENSHI_AUK CORP.
KED KODENSHI-KED Datasheet
134Kb / 1P
   ENCODER DISK
logo
NEC
M300 NEC-M300 Datasheet
399Kb / 2P
   Disk array
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
   Optical Disk Controller
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
AP-UM256ME10CG ETC2-AP-UM256ME10CG Datasheet
429Kb / 22P
   USB-Disk Module?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com