Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD2202-D48 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MD2202-D48
Description  Disk OnChip 2000 DIP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MD2202-D48 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MD2202-D48 Datasheet HTML 6Page - List of Unclassifed Manufacturers MD2202-D48 Datasheet HTML 7Page - List of Unclassifed Manufacturers MD2202-D48 Datasheet HTML 8Page - List of Unclassifed Manufacturers MD2202-D48 Datasheet HTML 9Page - List of Unclassifed Manufacturers MD2202-D48 Datasheet HTML 10Page - List of Unclassifed Manufacturers MD2202-D48 Datasheet HTML 11Page - List of Unclassifed Manufacturers MD2202-D48 Datasheet HTML 12Page - List of Unclassifed Manufacturers MD2202-D48 Datasheet HTML 13Page - List of Unclassifed Manufacturers MD2202-D48 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DiskOnChip 2000 DIP
8KB
1MB
640KB
0
Display
RAM
0C8000h
BIOS
0A0000h
0F0000h
0FFFFFh
DiskOnChip
Extended
Memory
Figure 3: PC Memory Map
After reset, the BIOS executes the POST (Power On Self-Test), and then searches for all expansion
ROM devices. When DiskOnChip 2000 is found, the BIOS executes the Initial Program Loader
(IPL) code located in the boot-block area of DiskOnChip 2000. This code loads the TrueFFS driver
into system memory, installs DiskOnChip 2000 as a disk in the system, and then returns control back
to the BIOS code. The operating system subsequently attempts to identify disks that are available and
the DiskOnChip 2000 software (TrueFFS) responds by emulating a hard disk.
From this point onward, DiskOnChip 2000 is identified by the system as a standard disk drive. It is
assigned a drive letter and it can be used by any software application. No BIOS setup modifications,
autoexec.bat/config.sys modifications or external software are required.
DiskOnChip 2000 can be used as the only disk in the system, in which case it will be accessed as
drive [C:].
DiskOnChip 2000 can operate with or without a floppy drive, or with additional hard disks. When
working with a hard disk, DiskOnChip 2000 can be configured as the last drive (the default
configuration). In this case, the hard disk will be drive [C:] and DiskOnChip 2000 will be drive
[D:].
DiskOnChip 2000 can also be configured as the first drive. In this case, the hard disk will be drive
[D:] and DiskOnChip 2000 will be drive [C:].
DiskOnChip 2000 can be used as the boot device when configured as drive [C:]. In this
configuration, you must format DiskOnChip 2000 as a bootable device by copying the OS files
onto the disk. When running DOS, use the SYS command for this purpose.
91-SR-002-42-8L Rev.
3.4
10


Similar Part No. - MD2202-D48

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD22-0002-MUC MACOM-MD22-0002-MUC Datasheet
68Kb / 2P
   Surface Mount Mixer 700 - 1000 MHz
logo
Motorola, Inc
MD2218 MOTOROLA-MD2218 Datasheet
193Kb / 5P
   DUAL AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MD2218 NJSEMI-MD2218 Datasheet
136Kb / 3P
   DUAL AMPLIFIER TRANSISTOR
logo
Motorola, Inc
MD2218A MOTOROLA-MD2218A Datasheet
193Kb / 5P
   DUAL AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MD2218A NJSEMI-MD2218A Datasheet
136Kb / 3P
   DUAL AMPLIFIER TRANSISTOR
More results

Similar Description - MD2202-D48

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-3840 AAEON-PCM-3840 Datasheet
169Kb / 1P
   DiskOnChip 2000 Flash Disk Module
logo
Micronetics, Inc.
NMA2012-A1D MICRONETICS-NMA2012-A1D Datasheet
295Kb / 2P
   Dip Packaged Noise Sources 100 kHz to 2000 MHz
logo
Silan Microelectronics ...
SA276 SILAN-SA276 Datasheet
119Kb / 4P
   BRUSHLESS DCFAN DRIVER WITH ONCHIP HALL SENSOR
logo
KODENSHI_AUK CORP.
KED KODENSHI-KED Datasheet
134Kb / 1P
   ENCODER DISK
logo
NEC
M300 NEC-M300 Datasheet
399Kb / 2P
   Disk array
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
   Optical Disk Controller
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
AP-UM256ME10CG ETC2-AP-UM256ME10CG Datasheet
429Kb / 22P
   USB-Disk Module?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com