Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD2202-D32 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MD2202-D32
Description  Disk OnChip 2000 DIP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MD2202-D32 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MD2202-D32 Datasheet HTML 1Page - List of Unclassifed Manufacturers MD2202-D32 Datasheet HTML 2Page - List of Unclassifed Manufacturers MD2202-D32 Datasheet HTML 3Page - List of Unclassifed Manufacturers MD2202-D32 Datasheet HTML 4Page - List of Unclassifed Manufacturers MD2202-D32 Datasheet HTML 5Page - List of Unclassifed Manufacturers MD2202-D32 Datasheet HTML 6Page - List of Unclassifed Manufacturers MD2202-D32 Datasheet HTML 7Page - List of Unclassifed Manufacturers MD2202-D32 Datasheet HTML 8Page - List of Unclassifed Manufacturers MD2202-D32 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DiskOnChip 2000 DIP
2
Detailed Feature List
TrueFFS Technology
For a flash disk to emulate a hard disk, a software management layer is required. TrueFFS is
M-Systems’ patented flash file system management technology that allows flash components to fully
emulate hard disks, so they can be written to and read from like any other hard disk.
TrueFFS software simplifies and enhances flash memories by:
Using third-generation wear leveling, which ensures that all blocks are erased an equal number of
times. This increases the life of the flash media by orders of magnitude.
Using virtual blocking of the flash device to make erasure of large blocks transparent to the
operator.
Automatic block mapping.
Implementing a robust power-loss recovery mechanism to guarantee absolute protection of data.
Providing conventional address support for various architecture configurations.
The TrueFFS driver supports 8-bit, 16-bit, and 32-bit bus architectures. Support for the 16-bit and
32-bit bus architectures, typically used in RISC processors, can be achieved by using the LSB of
the data bus as follows:
For 16-bit address boundary shifts, shift the address lines by one, so that the host address line
A1 connects to DiskOnChip 2000 address line A0, the host address line A2 connects to
DiskOnChip 2000 line A1, and so on.
For 32-bit address boundary shifts, shift the address lines by two, so that the host address line
A2 connects to DiskOnChip 2000 address line A0, the host address line A3 connects to
DiskOnChip 2000 line A1, and so on.
Refer to Application Note AP-DOC-030 for more details.
Low Power Consumption
The internal functions are synchronized with the CPU’s read and write strobes. This innovation
eliminates the need for an external clock and dramatically reduces power consumption.
DiskOnChip 2000 requires only a single 3.3V or 5V power supply, which helps simplify integration.
These features make DiskOnChip 2000 the best cost/performance solution for computers that require
minimal weight, space, and power consumption, providing a very attractive alternative to
conventional hard and floppy disk drives.
Temperature Range
DiskOnChip 2000 is available in both commercial (0 ºC to +70 ºC) and extended (-40 ºC to +85 ºC)
temperature ranges.
* DiskOnChip 2000 192MB and 576MB capacities are available only for commercial temperature ranges.
91-SR-002-42-8L Rev.
3.4
5


Similar Part No. - MD2202-D32

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD22-0002-MUC MACOM-MD22-0002-MUC Datasheet
68Kb / 2P
   Surface Mount Mixer 700 - 1000 MHz
logo
Motorola, Inc
MD2218 MOTOROLA-MD2218 Datasheet
193Kb / 5P
   DUAL AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MD2218 NJSEMI-MD2218 Datasheet
136Kb / 3P
   DUAL AMPLIFIER TRANSISTOR
logo
Motorola, Inc
MD2218A MOTOROLA-MD2218A Datasheet
193Kb / 5P
   DUAL AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MD2218A NJSEMI-MD2218A Datasheet
136Kb / 3P
   DUAL AMPLIFIER TRANSISTOR
More results

Similar Description - MD2202-D32

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-3840 AAEON-PCM-3840 Datasheet
169Kb / 1P
   DiskOnChip 2000 Flash Disk Module
logo
Micronetics, Inc.
NMA2012-A1D MICRONETICS-NMA2012-A1D Datasheet
295Kb / 2P
   Dip Packaged Noise Sources 100 kHz to 2000 MHz
logo
Silan Microelectronics ...
SA276 SILAN-SA276 Datasheet
119Kb / 4P
   BRUSHLESS DCFAN DRIVER WITH ONCHIP HALL SENSOR
logo
KODENSHI_AUK CORP.
KED KODENSHI-KED Datasheet
134Kb / 1P
   ENCODER DISK
logo
NEC
M300 NEC-M300 Datasheet
399Kb / 2P
   Disk array
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
   Optical Disk Controller
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
AP-UM256ME10CG ETC2-AP-UM256ME10CG Datasheet
429Kb / 22P
   USB-Disk Module?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com