Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9716JY Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # C9716JY
Description  100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C9716JY Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button C9716JY Datasheet HTML 4Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 5Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 6Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 7Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 8Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 9Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 10Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 11Page - List of Unclassifed Manufacturers C9716JY Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
C9716J
100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Preliminary
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev. 1.0
4/28/2000
MILPITAS, CA 95035 TEL: 408-263-6300 ext. 275 FAX 408-263-6571
Page 10 of 12
Crystal and Reference Oscillator Parameters
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Frequency
Fo
12.00
14.31818
16.00
MHz
Tolerance
TC
-
-
+/-100
PPM
Calibration note 1
TS
-
-
+/- 100
PPM
Stability (Ta -10 to +60C) note 1
Mode
OM
-
-
-
Parallel Resonant
Pin Capacitance
CP
5
pF
Capacitance of XIN and Xout pins
DC Bias Voltage
VBIAS
0.3Vdd
Vdd/2
0.7Vdd
V
Startup time
Ts
-
-
30
µS
Load Capacitance
CL
-
20
-
pF
Note 1
Effective Series
resistance
R1
-
-
40
Ohms
Power Dissipation
DL
-
-
0.10
mW
Note 1
Shunt Capacitance
CO
-
--
7
pF
X1 and X2 Load
CL
32
pF
Internal crystal loading capacitors on
each pin (to ground)
For maximum accuracy, the total circuit loading capacitance should be equal to CL. This loading capacitance is the
effective capacitance across the crystal pins and includes the device pin capacitance (CP) in parallel with any circuit
traces, the clock generator and any onboard discrete load capacitors.
Budgeting Calculations
Typical trace capacitance, (< half inch) is 4 pF, Load to the crystal is therefore
2.0 pF
Clock generator internal pin capacitance of 36 pF, Load to the crystal is therefore
18.0 pF
the total parasitic capacitance would therefore be
= 20.0 pF(matching CL)
Note 1: It is recommended but not mandatory that a crystal meets these specifications.


Similar Part No. - C9716JY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C9714 ETC1-C9714 Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
C9714AT ETC1-C9714AT Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
C9714AY ETC1-C9714AY Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
C9717 ETC1-C9717 Datasheet
747Kb / 13P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
C9717CTB ETC1-C9717CTB Datasheet
747Kb / 13P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
More results

Similar Description - C9716JY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMIC9714 ETC1-IMIC9714 Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
IMIC9717 ETC1-IMIC9717 Datasheet
747Kb / 13P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16020DC SILABS-SL16020DC Datasheet
139Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Cypress Semiconductor
SG556 CYPRESS-SG556 Datasheet
62Kb / 10P
   Mobile PentiumR Processor Application Clock Generator
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com