Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFL-2LP-04-A-L Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UFL-2LP-04-A-L
Description  SMT Ultra-Miniature Coaxial Connectors-Mating Heights Owing to the Lowest Profile and the Lightest
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UFL-2LP-04-A-L Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UFL-2LP-04-A-L Datasheet HTML 1Page - List of Unclassifed Manufacturers UFL-2LP-04-A-L Datasheet HTML 2Page - List of Unclassifed Manufacturers UFL-2LP-04-A-L Datasheet HTML 3Page - List of Unclassifed Manufacturers UFL-2LP-04-A-L Datasheet HTML 4Page - List of Unclassifed Manufacturers UFL-2LP-04-A-L Datasheet HTML 5Page - List of Unclassifed Manufacturers UFL-2LP-04-A-L Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
sPlugs
Please order plugs with the cable assembly specifications.
sCable Assembly
Dimension of U.FL Series assembly products should be made as indicated below.
Please contact Hirose Sales Representative about cable length and cable end treatment.
Single-Ended Cable Assembly
Double-Ended Cable Assembly
U.FL - [] LP - [] - A -
(L)
qOrdering Information
Series name
Assembly type
Cable type
Overall length (mm)
U.FL
Blank: Single ended
2: Double ended
04
: For use with Ø 0.81 cable
5016 : For use with Ø 1.13 cable
066 : For use with Ø 1.32 cable
Length L is expressed in mm units.
Overall Length L (mm)
0035<
=L
<
=0200
0200<L
<
=0500
0500<L
<
=1000
1000<L
<
=1000
Standard Tolerance (mm)
±04
±08
±12
±1.5%
qCable Assembly Overall Length Standard Tolerance
Note: Shortest length L is 35 mm.
Form of Plug After Cable Wiring
Form of Plug After Cable Wiring
U.FL-LP-066
U.FL-LP-040
Item
HRS No.
Part No.
Applicable Cable
Weight (mg)
Right-angle plug shell
(for Ø 0.81 cable)
CL331-0451-2
U.FL-LP-040
RF-MF5010 Manufactured by Nissei Electric Co., Ltd.
J12B0964 Manufactured by Junkosha Co., Ltd.
CO-6F-SB-CX50 Manufactured by Hitachi Cable, Ltd.
53.7/unit
Right-angle plug shell
(for Ø 1.13 cable)
RF-MF5016 Manufactured by Nissei Electric Co., Ltd.
J12B1054 Manufactured by Junkosha Co., Ltd.
59.1/unit
Right-angle plug shell
(for Ø 1.32 cable)
A12B0733 Manufactured by Junkosha Co., Ltd.
CO-6F-DSB-CX-50 Manufactured by Hitachi Cable, Ltd.
Dia. 0.81mm Double Ended Cable Assembly
Dia. 0.81mm Single Ended Cable Assembly
Dia. 1.13mm Double Ended Cable Assembly
Dia. 1.13mm Single Ended Cable Assembly
Dia. 1.32mm Double Ended Cable Assembly
Dia. 1.32mm Single Ended Cable Assembly
321-1937-2-**
321-1998-7-**
321-2493-6-**
321-2492-3-**
321-2170-7-**
321-2573-3-**
U.FL-2LP-04-A-(L)
U.FL-LP-04-A-(L)
U.FL-2LP-5016-A-(L)
U.FL-LP-5016-A-(L)
U.FL-2LP-066-A-(L)
U.FL-LP-066-A-(L)
Part No. of Cable Assembly
CL No.
Description
3
1
2
4
1
2
3
4
CL331-0452-5
U.FL-LP-066


Similar Part No. - UFL-2LP-04-A-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UFL-2LP-04-A-L ETC-UFL-2LP-04-A-L Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results

Similar Description - UFL-2LP-04-A-L

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
H.FL-LP-A32 HIROSE-H.FL-LP-A32 Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
logo
STMicroelectronics
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
   Among the lowest RDS on the market
logo
Samsung semiconductor
RC2012F510CS SAMSUNG-RC2012F510CS Datasheet
791Kb / 2P
   Owing to the reduced lead inductance, the high frequency characteristic is excellent.
logo
DDK Ltd.
Y90-LR-PC DDK-Y90-LR-PC Datasheet
210Kb / 4P
   Miniature, Low-profile Coaxial Connectors
logo
MicroPower Direct, LLC
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
   Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
logo
List of Unclassifed Man...
AOC-STG-B4S ETC2-AOC-STG-B4S Datasheet
388Kb / 1P
   The Lowest Power and Highest Performance 4-port 10GbE Controller in The Market
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
logo
CITIZEN ELECTRONICS CO....
CM155 CITIZEN-CM155 Datasheet
134Kb / 2P
   Being of the ultra-miniature SMD type
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
   The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
Hirose Electric
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com