Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1382CV25-167BGI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1382CV25-167BGI
Description  512K x 36/1M x 18 Pipelined SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382CV25-167BGI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1382CV25-167BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1382CV25-167BGI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
CY7C1380CV25
CY7C1382CV25
PRELIMINARY
Document #: 38-05240 Rev. *A
Page 8 of 33
Introduction
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock. Max-
imum access delay from the clock rise (tCO) is 2.6 ns (250-MHz
device).
The CY7C1380CV25/CY7C1382CV25 supports secondary
cache in systems utilizing either a linear or interleaved burst
sequence. The interleaved burst order supports Pentium® and
i486 processors. The linear burst sequence is suited for pro-
cessors that utilize a linear burst sequence. The burst order is
user selectable, and is determined by sampling the MODE in-
put. Accesses can be initiated with either the Processor
Address Strobe (ADSP) or the Controller Address Strobe
(ADSC). Address advancement through the burst sequence is
controlled by the ADV input. A two-bit on-chip wraparound
burst counter captures the first address in a burst sequence
and automatically increments the address for the rest of the
burst access.
Byte write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BWa,b,c,d for CY7C1380V25 and
BWa,b for CY7C1382V25) inputs. A Global Write Enable (GW)
overrides all byte write inputs and writes data to all four bytes.
All writes are simplified with on-chip synchronous self-timed
write circuitry.
Synchronous Chip Selects (CE1, CE2, CE3 for TQFP / CE1 for
BGA) and an asynchronous Output Enable (OE) provide for
easy bank selection and output three-state control. ADSP is
ignored if CE1 is HIGH.
Single Read Accesses
This access is initiated when the following conditions are sat-
isfied at clock rise: (1) ADSP or ADSC is asserted LOW, (2)
chip selects are all asserted active, and (3) the write signals
(GW, BWE) are all deasserted HIGH. ADSP is ignored if CE1
is HIGH. The address presented to the address inputs is
stored into the address advancement logic and the Address
Register while being presented to the memory core. The cor-
responding data is allowed to propagate to the input of the
Output Registers. At the rising edge of the next clock the data
is allowed to propagate through the output register and onto
the data bus within 2.6 ns (250-MHz device) if OE is active
LOW. The only exception occurs when the SRAM is emerging
from a deselected state to a selected state, its outputs are
always three-stated during the first cycle of the access. After
the first cycle of the access, the outputs are controlled by the
OE signal. Consecutive single read cycles are supported.
Once the SRAM is deselected at clock rise by the chip select
and either ADSP or ADSC signals, its output will three-state
immediately.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions
are satisfied at clock rise: (1) ADSP is asserted LOW, and (2)
chip select is asserted active. The address presented is load-
ed into the address register and the address advancement
logic while being delivered to the RAM core. The write signals
(GW, BWE, and BWx) and ADV inputs are ignored during this
first cycle.
ADSP triggered write accesses require two clock cycles to
complete. If GW is asserted LOW on the second clock rise, the
data presented to the DQx inputs is written into the corre-
sponding address location in the RAM core. If GW is HIGH,
then the write operation is controlled by BWE and BWx sig-
nals. The CY7C1380CV25/CY7C1382CV25 provides byte
write capability that is described in the write cycle description
table. Asserting the Byte Write Enable input (BWE) with the
selected Byte Write (BWa,b,c,d for CY7C1380CV25 and
BWa,b for CY7C1382CV25) input will selectively write to only
the desired bytes. Bytes not selected during a byte write oper-
ation will remain unaltered. A synchronous self-timed write
mechanism has been provided to simplify the write operations.
Because the CY7C1380CV25/CY7C1382CV25 is a common
I/O device, the output enable (OE) must be deasserted HIGH
before presenting data to the DQ inputs. Doing so will three-
state the output drivers. As a safety precaution, DQ are auto-
matically three-stated whenever a write cycle is detected, re-
gardless of the state of OE.
Single Write Accesses Initiated by ADSC
ADSC write accesses are initiated when the following condi-
tions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is
deasserted HIGH, (3) chip select is asserted active, and (4)
the appropriate combination of the write inputs (GW, BWE,
and BWx) are asserted active to conduct a write to the desired
byte(s). ADSC triggered write accesses require a single clock
cycle to complete. The address presented to A[17:0] is loaded
into the address register and the address advancement logic
while being delivered to the RAM core. The ADV input is ig-
nored during this cycle. If a global write is conducted, the data
presented to the DQ[x:0] is written into the corresponding ad-
dress location in the RAM core. If a byte write is conducted,
only the selected bytes are written. Bytes not selected during
a byte write operation will remain unaltered. A synchronous
self-timed write mechanism has been provided to simplify the
write operations.
Because the CY7C1380CV25/CY7C1382CV25 is a common
I/O device, the output enable (OE) must be deasserted HIGH
before presenting data to the DQ[x:0] inputs. Doing so will
three-state the output drivers. As a safety precaution, DQ[x:0]
are automatically three-stated whenever a write cycle is de-
tected, regardless of the state of OE.
Burst Sequences
The CY7C1380CV25/CY7C1382CV25 provides a two-bit
wraparound counter, fed by A[1:0], that implements either an
interleaved or linear burst sequence. The interleaved burst se-
quence is designed specifically to support Intel® Pentium ap-
plications. The linear burst sequence is designed to support
processors that follow a linear burst sequence. The burst se-
quence is user selectable through the MODE input.
Asserting ADV LOW at clock rise will automatically increment
the burst counter to the next address in the burst sequence.
Both read and write burst operations are supported.


Similar Part No. - CY7C1382CV25-167BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382CV25-167BGI CYPRESS-CY7C1382CV25-167BGI Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1382CV25-167BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com