Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZRA250F01 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZRA250F01
Description  PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRA250F01 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZRA250F01 Datasheet HTML 1Page - Zetex Semiconductors ZRA250F01 Datasheet HTML 2Page - Zetex Semiconductors ZRA250F01 Datasheet HTML 3Page - Zetex Semiconductors ZRA250F01 Datasheet HTML 4Page - Zetex Semiconductors ZRA250F01 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Note:
3%, 2% and 1% tolerance devices are
not recommended for new designs.
Refer to ZRC250
VR
Gnd
DEVICE DESCRIPTION
The ZRA250 uses a bandgap circuit design
to achieve a precision micropower voltage
reference of 2.5 volts. The device is available
in small outline surface mount packages,
ideal for applications where space saving is
important.
The ZRA250 design provides a stable voltage
without an external capacitor and is stable
with capacitive loads. The ZRA250 is
recommended for operation between 50
µA
and 5mA and so is ideally suited to low
power and battery powered applications.
Excellent performance is maintained to an
absolute maximum of 25mA, however the
rugged design and 20 volt processing allows
the reference to withstand transient effects
and currents up to 200mA. Superior
switching capability allows the device to
reach stable operating conditions in only a
few microseconds.
FEATURES
Small outline SOT23, SO8 and TO92
style packages.
No stabilising capacitor required
Typical TC 30ppm/°C
Typical slope resistance 0.4Ω
± 3%, 2%,1% and 0.5% tolerance
Industrial temperature range
Operating current 50µA to 5mA
Transient response, stable in less than
10
µs
Optional extended current range
APPLICATIONS
Battery powered and portable
equipment.
Metering and measurement systems.
Instrumentation.
Test equipment.
Data acquisition systems.
Precision power supplies.
PRECISION 2.5 VOLT MICROPOWER
VOLTAGE REFERENCE
ISSUE 4 - APRIL 2002
SCHEMATIC DIAGRAM
ZRA250
4-232


Similar Part No. - ZRA250F01

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRA250F01 ZETEX-ZRA250F01 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZRA250F01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF25 ZETEX-ZREF25 Datasheet
64Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-25 ZETEX-ZR4040-25 Datasheet
66Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com