Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1734-30CUTR Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1734-30CUTR
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1734-30CUTR Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1734-30CUTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1734-30CUTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1734-30CUTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1734-30CUTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1734-30CUTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1734-30CUTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1734-30CUTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1734-30CUTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1734-30CUTR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AIC1734
SOT-89 MARKING
Part No.
CXA
PXA
Part No.
CXT
PXT
AIC1734-18XXA
CA18
CA18P
AIC1734-18XXT
CB18
CB18P
AIC1734-20XXA
CA20
CA20P
AIC1734-20XXT
CB20
CB20P
AIC1734-25XXA
CA25
CA25P
AIC1734-25XXT
CB25
CB25P
AIC1734-27XXA
CA27
CA27P
AIC1734-27XXT
CB27
CB27P
AIC1734-30XXA
CA30
CA30P
AIC1734-30XXT
CB30
CB30P
AIC1734-33XXA
CA33
CA33P
AIC1734-33XXT
CB33
CB33P
AIC1734-35XXA
CA35
CA35P
AIC1734-35XXT
CB35
CB35P
AIC1734-37XXA
CA37
CA37P
AIC1734-37XXT
CB37
CB37P
AIC1734-38XXA
CA38
CA38P
AIC1734-38XXT
CB38
CB38P
AIC1734-50XXA
CA50
CA50P
AIC1734-50XXT
CB50
CB50P
AIC1734-52XXA
CA52
CA52P
AIC1734-52XXT
CB52
CB52P
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage
-0.3
~12V
Operating Temperature Range
-40
°C~ 85°C
Storage Temperature Range
-65
°C~150°C
Maximum Junction Temperature
125
°C
Lead Temperature (Soldering) 10 sec.
260
°C
Thermal Resistance Junction to Ambient
SOT-89 Package
160
°C/W
(Assume no Ambient Airflow, no Heatsink) TO-92 Package
150
°C/W
SOT-23 Package
180
°C/W
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT
3


Similar Part No. - AIC1734-30CUTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734-30XU AIC-AIC1734-30XU Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-30XXA AIC-AIC1734-30XXA Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-30XXT AIC-AIC1734-30XXT Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1734-30CUTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com