Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMAMP110 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CMAMP110
Description  Microphone Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMAMP110 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CMAMP110 Datasheet HTML 1Page - California Micro Devices Corp CMAMP110 Datasheet HTML 2Page - California Micro Devices Corp CMAMP110 Datasheet HTML 3Page - California Micro Devices Corp CMAMP110 Datasheet HTML 4Page - California Micro Devices Corp CMAMP110 Datasheet HTML 5Page - California Micro Devices Corp CMAMP110 Datasheet HTML 6Page - California Micro Devices Corp CMAMP110 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 McCarthy Blvd., Milpitas, California 95035
LTel: (408) 263-3214 L
Fax: (408) 263-7846
L
www.calmicro.com
01/09/04
CMAMP110
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
MIC_SELECT
Microphone Select logic input control. The external microphone input is selected when
the MIC_SELECT signal (pin 1) is at Logic "1" (> 3.5 volts), and the internal microphone
inputs are selected by applying Logic "0" to the pin (< 1.5V).
2VOUT
Amplifier output pin.
3
EXT_MIC_BIAS
External microphone bias output.
4
V+
Positive supply pin.
5INT_MIC
Inverting internal microphone differential input. Can be operated as a single-ended input
by connecting a 0.22
µF (or greater) capacitor between pin 6 and V−.
6
INT_MIC+
Non-inverting internal microphone differential input. Can be operated as a single-ended
input by connecting a 0.22
µF (or greater) capacitor between pin 5 and V−.
7V
Negative supply pin.
8
EXT_MIC_IN
External microphone signal input.
PACKAGE / PINOUT DIAGRAM
Note: This drawing is not to scale.
8-pin MSOP
1
2
3
4
8
7
6
5
MIC_SELECT
VOUT
EXT_MIC_BIAS
V
+
EXT_MIC_IN
V
INT_MIC
+
INT_MIC
Top View
PART NUMBERING INFORMATION
Pins
Package
Standard Finish
Lead-free Finish
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
8
MSOP-8
CMAMP110M
A110
CMAMP110MR
R110


Similar Part No. - CMAMP110

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CMA-103 MINI-CMA-103 Datasheet
608Kb / 5P
   Monolithic Amplifier
CMA-103++ MINI-CMA-103+ Datasheet
608Kb / 5P
   Monolithic Amplifier
CMA-162LN MINI-CMA-162LN Datasheet
544Kb / 6P
   Monolithic Amplifier
logo
Teledyne Technologies I...
CMA-18-8007 TELEDYNE-CMA-18-8007 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
logo
Mini-Circuits
CMA-252LN MINI-CMA-252LN Datasheet
561Kb / 6P
   Monolithic Amplifier
More results

Similar Description - CMAMP110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS188 STMICROELECTRONICS-LS188 Datasheet
101Kb / 3P
   MICROPHONE AMPLIFIER
logo
Rohm
BA7760 ROHM-BA7760 Datasheet
67Kb / 6P
   Microphone Amplifier
logo
ON Semiconductor
LA74309FA ONSEMI-LA74309FA Datasheet
93Kb / 5P
   Microphone Amplifier
May, 2013
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
New Japan Radio
NJM2118 NJRC-NJM2118 Datasheet
122Kb / 4P
   MONAURAL MICROPHONE AMPLIFIER
NJU7907A NJRC-NJU7907A Datasheet
148Kb / 10P
   Monaural Microphone Amplifier
NJM2781 NJRC-NJM2781 Datasheet
183Kb / 11P
   Monaural Microphone Amplifier
logo
List of Unclassifed Man...
BH7870AKV ETC-BH7870AKV Datasheet
96Kb / 2P
   STEREO ZOOM MICROPHONE AMPLIFIER
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_09 Datasheet
309Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814 MAXIM-MAX9814 Datasheet
337Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com