Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT77SM0101BCB02VEK Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT77SM0101BCB02VEK
Description  FingerCHIP BIOMETRIC MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77SM0101BCB02VEK Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT77SM0101BCB02VEK Datasheet HTML 7Page - ATMEL Corporation AT77SM0101BCB02VEK Datasheet HTML 8Page - ATMEL Corporation AT77SM0101BCB02VEK Datasheet HTML 9Page - ATMEL Corporation AT77SM0101BCB02VEK Datasheet HTML 10Page - ATMEL Corporation AT77SM0101BCB02VEK Datasheet HTML 11Page - ATMEL Corporation AT77SM0101BCB02VEK Datasheet HTML 12Page - ATMEL Corporation AT77SM0101BCB02VEK Datasheet HTML 13Page - ATMEL Corporation AT77SM0101BCB02VEK Datasheet HTML 14Page - ATMEL Corporation AT77SM0101BCB02VEK Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
AT77SM0101BCB02VKE
5391A–BIOM–09/04
Evaluation and Development Kit
Figure 8. AT77SM0101BCB02VEK
AT77SM0101BCB02VEK
Content
This kit includes:
A demo kit board with an integrated biometric module
A power supply with adapters for international power outlets
A crossed Ethernet cable
A serial cable
A "Quick Start" guide
A CD-ROM comprising all the necessary tools and documentation
Authentication Software
and SDK
The Development Kit includes a complete software SDK for easy access to the Finger-
Chip’s hardware (image capture). This SDK also allows the user to control the bio-
engine (authentication software) and manage the database through high-level functions.
The authentication software is directly preloaded onto the module. The SDK also
includes a communication protocol to control the module from a PC.


Similar Part No. - AT77SM0101BCB02VEK

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
AT77C102B ATMEL-AT77C102B Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C102B-CB01YV ATMEL-AT77C102B-CB01YV Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
AT77C102B-CB01YV- ATMEL-AT77C102B-CB01YV- Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C102B-CB02YV ATMEL-AT77C102B-CB02YV Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
More results

Similar Description - AT77SM0101BCB02VEK

ManufacturerPart #DatasheetDescription
logo
Mantra Softech India Pv...
MTERMINAL200 MANTRA-MTERMINAL200 Datasheet
1Mb / 2P
   Biometric Solutions
MTERMINAL100 MANTRA-MTERMINAL100 Datasheet
495Kb / 3P
   Biometric POS Machine
MOXA7 MANTRA-MOXA7 Datasheet
970Kb / 3P
   Portable Rugged Biometric Terminal
logo
Maxim Integrated Produc...
MAXM86146 MAXIM-MAXM86146 Datasheet
230Kb / 20P
   Complete Optical Biosensing Module with Ultra-Low-Power Biometric Sensor Hub
2020
logo
Mantra Softech India Pv...
MFSTAB-4G MANTRA-MFSTAB-4G Datasheet
430Kb / 2P
   Integrated Biometric Time Attendance Device
MFSTAB-3G MANTRA-MFSTAB-3G Datasheet
431Kb / 2P
   Integrated Biometric Time Attendance Device
logo
Cherry Semiconductor Co...
M-4230 CHERRY-M-4230 Datasheet
83Kb / 2P
   M-4230 Finger TIP Biometric Mouse
logo
Maxim Integrated Produc...
MAX32664 MAXIM-MAX32664_V01 Datasheet
538Kb / 29P
   Ultra-Low Power Biometric Sensor Hub
19-100313; Rev 3; 4/20
MAX32663A MAXIM-MAX32663A Datasheet
165Kb / 16P
   Ultra-Low Power ECG Biometric Sensor Hub
Rev 0; 11/20
logo
Schneider Electric
XB5S3B2L2 SCHNEIDER-XB5S3B2L2 Datasheet
101Kb / 4P
   Bistable USB Biometric switch - connection with 2m cable
Aug 10, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com