Part Name
Included
start with
end
match
Description
AM29C818A
CMOS PIPELINE REGISTER WITH SSR DIAGNOSTICS ( 21 Page)
AMD
100%
1 page
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
SL74HC597
8-Bit
Serial
or
Parallel-Input/
Serial-Output
Shift
Register
with
Input
Latch
High-Performance
Silicon-Gate
CMOS
1
2
3
4
5
More
System Logic Semiconductor
IN74HC4094
8-Bit
Serial-Input
Shift
Register
With
Latched
3-State
Outputs
High-Performance
Silicon-Gate
CMOS
1
2
3
4
5
More
Integral Corp.
CD74HC597
High
Speed
CMOS
Logic
8-Bit
Shift
Register
with
Input
Storage
1
2
3
4
5
More
Texas Instruments
IDT74LVC377A
3.3V
CMOS
8-BIT
REGISTER
WITH
CLOCK
ENABLE
AND
5
VOLT
TOLERANT
I/O
1
2
3
4
5
More
Integrated Device Technology
CD4015BMS
CMOS
Dual
4-Stage
Static
Shift
Register
With
Serial
Input/Parallel
Output
1
2
3
4
5
More
Intersil Corporation
IDT74LVCH16646A
3.3V
CMOS
16-BIT
BUS
TRANSCEIVER/REGISTER
WITH
3-STATE
OUTPUTS
5
VOLT
TOLERANT
I/O
AND
BUS-HOLD
1
2
3
4
5
More
Integrated Device Technology
CD4015BT
CMOS
Dual
4-Stage
Static
Shift
Register
With
Serial
Input/Parallel
Output
1
2
3
Intersil Corporation
74LVX594
LOW
VOLTAGE
CMOS
8
BIT
SHIFT
REGISTER
WITH
OUTPUT
REGISTER
5V
TOLERANT
INPUTS
1
2
3
4
5
More
STMicroelectronics
IN74AC299
8-Bit
Bidirectional
Universal
Shift
Register
with
Parallel
I/O
High-Speed
Silicon-Gate
CMOS
1
2
3
4
5
More
Integral Corp.
IDT74LVC16646A
3.3V
CMOS
16-BIT
BUS
TRANSCEIVER/REGISTER
WITH
3-STATE
OUTPUTS
5
VOLT
TOLERANT
I/O
1
2
3
4
5
More
Integrated Device Technology
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl