Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS2308A Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS2308A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2308A Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS2308A Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2308A Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2308A Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2308A Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2308A Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2308A Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2308A Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
20
V
Zero Gate Voltage Drain Current
IDSS
VDS 16V, VGS 0V
=
=
1
uA
Gate-Body Leakage
IGSS
VGS
10V, VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
0.5
1.5
V
Drain-Source On-State R esistance
R DS(ON)
VGS 4.5V, ID 2.7A
80
VGS 2.5V, ID 2A
On-State Drain Current
ID(ON)
VDS = 5V, VGS = 4.5V
A
S
Forward Transconductance
FS
g
VDS 5V, ID
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =10V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 10V,
ID = 1A,
VGS = 4.5V,
R GEN = 6 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =10V, ID = 2.7A,
VGS =4.5V
nC
nC
nC
C
Fall Time
=
=
=
=
=
2
m-ohm
m-ohm
=2.7A
110
6
7
S T S 2308A
215
65
45
7.8
5.1
11.6
9.3
3.8
1.2
0.9
0.8
65
90


Similar Part No. - STS2308A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2300 SAMHOP-STS2300 Datasheet
591Kb / 7P
   N-Channel E nhancement Mode Field EffectTransistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2301 SAMHOP-STS2301 Datasheet
593Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STS2301 VBSEMI-STS2301 Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
SamHop Microelectronics...
STS2301A SAMHOP-STS2301A Datasheet
107Kb / 7P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STS2308A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com